Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV595 Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części 74LV595
Szczegółowy opis  8-bit serial-in/serial or parallel-out shift register with output latches 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV595 Arkusz danych(HTML) 2 Page - NXP Semiconductors

  74LV595 Datasheet HTML 1Page - NXP Semiconductors 74LV595 Datasheet HTML 2Page - NXP Semiconductors 74LV595 Datasheet HTML 3Page - NXP Semiconductors 74LV595 Datasheet HTML 4Page - NXP Semiconductors 74LV595 Datasheet HTML 5Page - NXP Semiconductors 74LV595 Datasheet HTML 6Page - NXP Semiconductors 74LV595 Datasheet HTML 7Page - NXP Semiconductors 74LV595 Datasheet HTML 8Page - NXP Semiconductors 74LV595 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product specification
74LV595
8-bit serial-in/serial or parallel-out shift register
with output latches (3-State)
2
1998 Apr 20
853-1987 19255
FEATURES
Optimized for Low Voltage applications: 1.0V to 3.6V
Accepts TTL input levels between V
CC = 2.7V and VCC = 3.6V
Typical V
OLP (output ground bounce) < 0.8V at VCC = 3.3V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) > 2V at VCC = 3.3V,
Tamb = 25°C
8-bit serial input
8-bit serial or parallel output
Storage register with 3-State outputs
Shift register with direct clear
Output capability:
– parallel outputs; bus driver
– serial output; standard
I
CC category: MSI
APPLICATIONS
Serial-to-parallel data conversion
Remote control holding register
DESCRIPTION
The 74LV595 is a low-voltage Si-gate CMOS device that is pin and
function compatible with 74HC/HCT595.
The74LV595 is an 8-stage serial shift register with a storage register
and 3-State outputs. The shift register and storage register have
separate clocks.
Data is shifted on the positive-going transitions of the SHCP input.
The data in each register is transferred to the storage register on a
positive-going transition of the STCP input. If both clocks are
connected together, the shift register will always be one clock pulse
ahead of the storage register.
The shift register has a serial input (DS) and a serial standard output
(Q7’) all for cascading. It is also provided with asynchronous reset
(active LOW) for all 8 shift register stages. The storage register has
8 parallel 3-State bus driver outputs. Data in the storage register
appears at the output whenever the output enable input (OE) is
LOW.
QUICK REFERENCE DATA
GND = 0V; Tamb = 25°C; tr =tf v2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
SHCP to Q7’
STCP to Q7’
MR to Q7’
CL = 15pF
VCC= 3.3V
15
16
14
ns
fmax
Maximum clock frequency SHCP, STCP
77
MHz
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per gate
VCC = 3.3V
Notes 1 and 2
115
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD
VCC2 x fi ) (CL
VCC2
fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL
VCC2
fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
ORDERING AND PACKAGE INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
16-Pin Plastic DIL
–40
°C to +125°C
74LV595 N
74LV595 N
SOT38-4
16-Pin Plastic SO
–40
°C to +125°C
74LV595 D
74LV595 D
SOT109-1
16-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV595 DB
74LV595 DB
SOT338-1
16-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV595 PW
74LV595PW DH
SOT403-1


Podobny numer części - 74LV595

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
logo
Texas Instruments
74LV595A TI-74LV595A Datasheet
755Kb / 22P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
logo
Nexperia B.V. All right...
74LV595D NEXPERIA-74LV595D Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
74LV595PW NEXPERIA-74LV595PW Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
logo
NXP Semiconductors
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
More results

Podobny opis - 74LV595

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
logo
NXP Semiconductors
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com