Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV688 Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV688
Szczegółowy opis  8-bit magnitude comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV688 Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV688 Datasheet HTML 2Page - NXP Semiconductors 74LV688 Datasheet HTML 3Page - NXP Semiconductors 74LV688 Datasheet HTML 4Page - NXP Semiconductors 74LV688 Datasheet HTML 5Page - NXP Semiconductors 74LV688 Datasheet HTML 6Page - NXP Semiconductors 74LV688 Datasheet HTML 7Page - NXP Semiconductors 74LV688 Datasheet HTML 8Page - NXP Semiconductors 74LV688 Datasheet HTML 9Page - NXP Semiconductors 74LV688 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV688
8-bit magnitude comparator
1998 Jun 23
6
AC CHARACTERISTICS
GND = 0V; tr = tf = 2.5ns; CL = 50pF; RL = 1KΩ
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
100
Propagation delay
2.0
28
45
57
tPHL/tPLH
Propagation delay
Pn,Qn to P=Q
2
2.7
20
32
40
ns
Pn, Qn to P=Q
3.0 to 3.6
162
26
33
4.5 to 5.5
112
18
22
1.2
50
Propagation delay
2.0
17
29
38
tPHL/tPLH
Propagation delay
E to P=Q
1
2.7
13
21
27
ns
E to P=Q
3.0 to 3.6
102
17
22
4.5 to 5.5
72
12
15
NOTES:
1. Unless otherwise stated, all typical values are at Tamb = 25°C.
2. Typical value measured at VCC = 3.3V.
3. Typical value measured at VCC = 5.0V.
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V; VM = 0.5 VCC at VCC t 2.7V.
VOL and VOH are the typical output voltage drop that occur with the
output load.
E INPUT
VM
tPLH
tPHL
VOL
VI
VM
GND
VOH
P = Q OUTPUT
SV00195
Waveform 1.
Propagation delays from the enable input (E) to
the equal-to output (P = Q).
Pn, Qn INPUT
VM
VM
P = Q OUTPUT
VM
VM
tPHL
tPLH
SV00194
Waveform 2.
Propagation delays from the inputs (Pn, Qn) to
the equal-to output (P = Q).
TEST CIRCUIT
PULSE
GENERATOR
RT
Vl
D.U.T.
VO
CL
RL= 1k
Vcc
Test Circuit for Outputs
DEFINITIONS
VCC
VI
< 2.7V
2.7–3.6V
VCC
2.7V
TEST
tPLH/tPHL
≥ 4.5 V
VCC
RL = Load resistor
CL = Load capacitance includes jig and probe capacitiance
50pF
RT = Termination resistance should be equal to ZOUT of pulse generators.
SV00902
Waveform 3.
Load circuitry for switching times


Podobny numer części - 74LV688

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV00 PHILIPS-74LV00 Datasheet
104Kb / 10P
   Quad 2-input NAND gate
1998 Apr 20
logo
Nexperia B.V. All right...
74LV00 NEXPERIA-74LV00 Datasheet
232Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 10 September 2021
logo
Texas Instruments
74LV00A TI-74LV00A Datasheet
409Kb / 14P
[Old version datasheet]   QUADRUPLE 2 INPUT POSITIVE NAND GATES
logo
Diodes Incorporated
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Nexperia B.V. All right...
74LV00A NEXPERIA-74LV00A Datasheet
192Kb / 10P
   Quad 2-input NAND gate
Rev. 1 - 19 December 2018
More results

Podobny opis - 74LV688

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
   8-bit magnitude comparator
Rev. 4 - 16 July 2021
logo
Hitachi Semiconductor
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
   8-bit Magnitude Comparator
logo
Renesas Technology Corp
HD74HC688 RENESAS-HD74HC688 Datasheet
111Kb / 8P
   8-bit Magnitude Comparator
HD74HC682 RENESAS-HD74HC682 Datasheet
92Kb / 7P
   8-bit Magnitude Comparator
logo
Nexperia B.V. All right...
74HCT688 NEXPERIA-74HCT688 Datasheet
53Kb / 7P
   8-bit magnitude comparator
December 1990
logo
NXP Semiconductors
74HC688 PHILIPS-74HC688 Datasheet
48Kb / 7P
   8-bit magnitude comparator
December 1990
logo
Hitachi Semiconductor
HD74HC682 HITACHI-HD74HC682 Datasheet
45Kb / 7P
   8-bit Magnitude Comparator
HD74HC688 HITACHI-HD74HC688 Datasheet
60Kb / 9P
   8-bit Magnitude Comparator
logo
Renesas Technology Corp
HD74HCT688 RENESAS-HD74HCT688 Datasheet
111Kb / 8P
   8-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT688_CNV PHILIPS-74HC_HCT688_CNV_15 Datasheet
54Kb / 7P
   8-bit magnitude comparator
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com