Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV595D Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74LV595D
Szczegółowy opis  8-bit serial-in/serial or parallel-out shift register with output latches 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV595D Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74LV595D Datasheet HTML 2Page - NXP Semiconductors 74LV595D Datasheet HTML 3Page - NXP Semiconductors 74LV595D Datasheet HTML 4Page - NXP Semiconductors 74LV595D Datasheet HTML 5Page - NXP Semiconductors 74LV595D Datasheet HTML 6Page - NXP Semiconductors 74LV595D Datasheet HTML 7Page - NXP Semiconductors 74LV595D Datasheet HTML 8Page - NXP Semiconductors 74LV595D Datasheet HTML 9Page - NXP Semiconductors 74LV595D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product specification
74LV595
8-bit serial-in/serial or parallel-out shift register
with output latches (3-State)
1998 Apr 20
6
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCC
DC supply voltage
See Note1
1.0
3.3
3.6
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
Tamb
Operating ambient temperature range in free
air
See DC and AC
characteristics
–40
–40
+85
+125
°C
tr, tf
Input rise and fall times
VCC = 1.0V to 2.0V
VCC = 2.0V to 2.7V
VCC = 2.7V to 3.6V
500
200
100
ns/V
NOTE:
1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC =3.6V.
ABSOLUTE MAXIMUM RATINGS1, 2
In accordance with the Absolute Maximum Rating System (IEC 134)
Voltages are referenced to GND (ground = 0V)
SYMBOL
PARAMETER
CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
±IIK
DC input diode current
VI < –0.5 or VI > VCC + 0.5V
20
mA
±IOK
DC output diode current
VO < –0.5 or VO > VCC + 0.5V
50
mA
±IO
DC output source or sink current
– standard outputs
– bus driver outputs
–0.5V < VO < VCC + 0.5V
25
35
mA
±IGND,
±ICC
DC VCC or GND current for types with
–standard outputs
–bus driver outputs
50
70
mA
Tstg
Storage temperature range
–65 to +150
°C
PTOT
Power dissipation per package
–plastic DIL
–plastic mini-pack (SO)
–plastic shrink mini-pack (SSOP and TSSOP)
for temperature range: –40 to +125
°C
above +70
°C derate linearly with 12mW/K
above +70
°C derate linearly with 8 mW/K
above +60
°C derate linearly with 5.5 mW/K
750
500
400
mW
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC CHARACTERISTICS
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
HIGH level Input
VCC = 1.2V
0.9
0.9
VIH
HIGH level Input
voltage
VCC = 2.0V
1.4
1.4
V
voltage
VCC = 2.7 to 3.6V
2.0
2.0
LOW level Input
VCC = 1.2V
0.3
0.3
VIL
LOW level Input
voltage
VCC = 2.0V
0.6
0.6
V
voltage
VCC = 2.7 to 3.6V
0.8
0.8
VCC = 1.2V; VI = VIH or VIL; –IO = 100µA
1.2
VOH
HIGH level output
VCC = 2.0V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
V
VOH
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
VCC = 3.0V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VOH
HIGH level output
voltage;
STANDARD
outputs
VCC = 3.0V;VI = VIH or VIL; –IO = 6mA
2.40
2.82
2.20
V


Podobny numer części - 74LV595D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV595D NEXPERIA-74LV595D Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
More results

Podobny opis - 74LV595D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
logo
NXP Semiconductors
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com