Zakładka z wyszukiwarką danych komponentów |
|
74LV595PW Arkusz danych(PDF) 6 Page - NXP Semiconductors |
|
74LV595PW Arkusz danych(HTML) 6 Page - NXP Semiconductors |
6 / 16 page Philips Semiconductors Product specification 74LV595 8-bit serial-in/serial or parallel-out shift register with output latches (3-State) 1998 Apr 20 6 RECOMMENDED OPERATING CONDITIONS SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT VCC DC supply voltage See Note1 1.0 3.3 3.6 V VI Input voltage 0 – VCC V VO Output voltage 0 – VCC V Tamb Operating ambient temperature range in free air See DC and AC characteristics –40 –40 +85 +125 °C tr, tf Input rise and fall times VCC = 1.0V to 2.0V VCC = 2.0V to 2.7V VCC = 2.7V to 3.6V – – – – – – 500 200 100 ns/V NOTE: 1. The LV is guaranteed to function down to VCC = 1.0V (input levels GND or VCC); DC characteristics are guaranteed from VCC = 1.2V to VCC =3.6V. ABSOLUTE MAXIMUM RATINGS1, 2 In accordance with the Absolute Maximum Rating System (IEC 134) Voltages are referenced to GND (ground = 0V) SYMBOL PARAMETER CONDITIONS RATING UNIT VCC DC supply voltage –0.5 to +4.6 V ±IIK DC input diode current VI < –0.5 or VI > VCC + 0.5V 20 mA ±IOK DC output diode current VO < –0.5 or VO > VCC + 0.5V 50 mA ±IO DC output source or sink current – standard outputs – bus driver outputs –0.5V < VO < VCC + 0.5V 25 35 mA ±IGND, ±ICC DC VCC or GND current for types with –standard outputs –bus driver outputs 50 70 mA Tstg Storage temperature range –65 to +150 °C PTOT Power dissipation per package –plastic DIL –plastic mini-pack (SO) –plastic shrink mini-pack (SSOP and TSSOP) for temperature range: –40 to +125 °C above +70 °C derate linearly with 12mW/K above +70 °C derate linearly with 8 mW/K above +60 °C derate linearly with 5.5 mW/K 750 500 400 mW NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. DC CHARACTERISTICS Over recommended operating conditions voltages are referenced to GND (ground = 0V) LIMITS SYMBOL PARAMETER TEST CONDITIONS -40 °C to +85°C -40 °C to +125°C UNIT MIN TYP1 MAX MIN MAX HIGH level Input VCC = 1.2V 0.9 0.9 VIH HIGH level Input voltage VCC = 2.0V 1.4 1.4 V voltage VCC = 2.7 to 3.6V 2.0 2.0 LOW level Input VCC = 1.2V 0.3 0.3 VIL LOW level Input voltage VCC = 2.0V 0.6 0.6 V voltage VCC = 2.7 to 3.6V 0.8 0.8 VCC = 1.2V; VI = VIH or VIL; –IO = 100µA 1.2 VOH HIGH level output VCC = 2.0V; VI = VIH or VIL; –IO = 100µA 1.8 2.0 1.8 V VOH voltage; all outputs VCC = 2.7V; VI = VIH or VIL; –IO = 100µA 2.5 2.7 2.5 V VCC = 3.0V; VI = VIH or VIL; –IO = 100µA 2.8 3.0 2.8 VOH HIGH level output voltage; STANDARD outputs VCC = 3.0V;VI = VIH or VIL; –IO = 6mA 2.40 2.82 2.20 V |
Podobny numer części - 74LV595PW |
|
Podobny opis - 74LV595PW |