Zakładka z wyszukiwarką danych komponentów |
|
74LV595PW Arkusz danych(PDF) 7 Page - NXP Semiconductors |
|
74LV595PW Arkusz danych(HTML) 7 Page - NXP Semiconductors |
7 / 16 page Philips Semiconductors Product specification 74LV595 8-bit serial-in/serial or parallel-out shift register with output latches (3-State) 1998 Apr 20 7 DC CHARACTERISTICS (Continued) Over recommended operating conditions voltages are referenced to GND (ground = 0V) SYMBOL PARAMETER TEST CONDITIONS LIMITS UNIT SYMBOL PARAMETER TEST CONDITIONS -40 °C to +85°C -40 °C to +125°C UNIT VOH HIGH level output voltage; BUS driver outputs VCC = 3.0V;VI = VIH or VIL; –IO = 8mA 2.40 2.82 2.20 V VCC = 1.2V; VI = VIH or VIL; IO = 100µA 0 VOL LOW level output VCC = 2.0V; VI = VIH or VIL; IO = 100µA 0 0.2 0.2 V VOL voltage; all outputs VCC = 2.7V; VI = VIH or VIL; IO = 100µA 0 0.2 0.2 V VCC = 3.0V;VI = VIH or VIL; IO = 100µA 0 0.2 0.2 VOL LOW level output voltage; STANDARD outputs VCC = 3.0V;VI = VIH or VIL; IO = 6mA 0.25 0.40 0.50 V VOL LOW level output voltage; BUS driver outputs VCC = 3.0V;VI = VIH or VIL; IO = 8mA 0.20 0.40 0.50 V II Input leakage current VCC = 3.6V; VI = VCC or GND 1.0 1.0 µA IOZ 3-State output OFF-state current VCC = 3.6V; VI = VIH or VIL; VO = VCC or GND 5 10 µA ICC Quiescent supply current; MSI VCC = 3.6V; VI = VCC or GND; IO = 0 20.0 160 µA ∆ICC Additional quiescent supply current per input VCC = 2.7V to 3.6V; VI = VCC –0.6V 500 850 µA NOTE: 1. All typical values are measured at Tamb = 25°C. AC CHARACTERISTICS GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KΩ SYMBOL PARAMETER WAVEFORM CONDITION LIMITS –40 to +85 °C LIMITS –40 to +125 °C UNIT VCC(V) MIN TYP1 MAX MIN MAX 1.2 – 95 – – – tPHL/tPLH Propagation delay Figure 1 2.0 – 32 61 – 75 ns tPHL/tPLH gy SHCP to Q7’ Figure 1 2.7 – 24 45 – 55 ns 3.0 to 3.6 – 182 36 – 44 1.2 – 100 – – – tPHL/tPLH Propagation delay Figure 2 2.0 – 34 65 – 77 ns tPHL/tPLH gy STCP to Qn Figure 2 2.7 – 25 48 – 56 ns 3.0 to 3.6 – 192 38 – 45 1.2 – 85 – – – tPHL Propagation delay Figure 5 2.0 – 29 56 – 66 ns tPHL gy MR to Q7’ Figure 5 2.7 – 21 41 – 49 ns 3.0 to 3.6 – 162 33 – 33 3St t t t 1.2 – 85 – – – tPZH/tPZL 3-State output enable time Figure 3 2.0 – 29 56 – 66 ns tPZH/tPZL enable time OE to Qn Figure 3 2.7 – 21 41 – 49 ns OE to Qn 3.0 to 3.6 – 162 33 – 39 3St t t t 1.2 – 65 – – – tPHZ/tPLZ 3-State output disable time Figure 3 2.0 – 24 40 – 49 ns tPHZ/tPLZ disable time OE to Qn Figure 3 2.7 – 18 32 – 37 ns OE to Qn 3.0 to 3.6 – 142 26 – 30 |
Podobny numer części - 74LV595PW |
|
Podobny opis - 74LV595PW |