Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV595PW Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części 74LV595PW
Szczegółowy opis  8-bit serial-in/serial or parallel-out shift register with output latches 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV595PW Arkusz danych(HTML) 9 Page - NXP Semiconductors

Back Button 74LV595PW Datasheet HTML 5Page - NXP Semiconductors 74LV595PW Datasheet HTML 6Page - NXP Semiconductors 74LV595PW Datasheet HTML 7Page - NXP Semiconductors 74LV595PW Datasheet HTML 8Page - NXP Semiconductors 74LV595PW Datasheet HTML 9Page - NXP Semiconductors 74LV595PW Datasheet HTML 10Page - NXP Semiconductors 74LV595PW Datasheet HTML 11Page - NXP Semiconductors 74LV595PW Datasheet HTML 12Page - NXP Semiconductors 74LV595PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Product specification
74LV595
8-bit serial-in/serial or parallel-out shift register
with output latches (3-State)
1998 Apr 20
9
AC WAVEFORMS
VM = 1.5V at VCC w 2.7V
VM = 0.5 * VCC at VCC t 2.7V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC ≥ 2.7V
VX = VOL + 0.1VCC at VCC < 2.7V
VY = VOH – 0.3V at VCCw 2.7V
VY = VOH – 0.1VCC at VCC < 2.7V
SV00718
GND
VOL
VI
VOH
VM
CP INPUT
Qn OUTPUT
VM
tPLH
tPHL
1/fmax
tW
Figure 1. Clock (SHCP) to output (Q7’), propagation delays, the
shift clock pulse width and the maximum shift clock frequency.
SV00727
VM
SHCP INPUT
STCP INPUT
Qn OUTPUT
VM
VM
1/fmax
tsu
tW
tPHL
tPLH
VI
VI
GND
GND
VOL
VOH
Figure 2. Storage clock (STCP) to output (Qn) propagation
delays, the storage clock pulse width and the shift clock to
storage clock set-up time.
outputs
disabled
SV00344
VI
OE INPUT
GND
VCC
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
VM
tPLZ
tPHZ
tPZL
VY
outputs
enabled
outputs
enabled
VX
VM
tPZH
VM
Figure 3. 3-State enable and disable times for input OE.
SV00722
t
su
t
su
SHCP INPUT
DS INPUT
Q7’ OUTPUT
VM
th
VM
VM
th
VI
GND
VI
GND
vOH
VOL
Figure 4. Data set-up and hold times for the data input (DS).


Podobny numer części - 74LV595PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV595PW NEXPERIA-74LV595PW Datasheet
279Kb / 17P
   8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
More results

Podobny opis - 74LV595PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC595 PHILIPS-74AHC595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74HC595 PHILIPS-74HC595 Datasheet
140Kb / 28P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2003 Jun 25
74HC595D.118 NXP-74HC595D.118 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HC595-Q100 NEXPERIA-74HC595-Q100 Datasheet
287Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
logo
NXP Semiconductors
74HC595PW-T NXP-74HC595PW-T Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
74HC595BQ115 NXP-74HC595BQ115 Datasheet
374Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 6-12 December 2011
logo
Nexperia B.V. All right...
74HCT595-Q100 NEXPERIA-74HCT595-Q100 Datasheet
300Kb / 20P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 4 - 11 March 2020
logo
NXP Semiconductors
74HC595BQ-Q100 NXP-74HC595BQ-Q100 Datasheet
219Kb / 23P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HC595 NEXPERIA-74HC595 Datasheet
327Kb / 21P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 11 - 10 September 2021
logo
NXP Semiconductors
74HC_HCT595 PHILIPS-74HC_HCT595_15 Datasheet
256Kb / 24P
   8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
Rev. 7-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com