Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC04 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC74AC04
Szczegółowy opis  Hex Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC04 Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC74AC04 Datasheet HTML 1Page - ON Semiconductor MC74AC04 Datasheet HTML 2Page - ON Semiconductor MC74AC04 Datasheet HTML 3Page - ON Semiconductor MC74AC04 Datasheet HTML 4Page - ON Semiconductor MC74AC04 Datasheet HTML 5Page - ON Semiconductor MC74AC04 Datasheet HTML 6Page - ON Semiconductor MC74AC04 Datasheet HTML 7Page - ON Semiconductor MC74AC04 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74AC04, MC74ACT04
http://onsemi.com
4
AC CHARACTERISTICS (For Figures and Waveforms – See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
74ACT
74ACT
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
1.5
8.5
1.0
9.0
ns
3–6
tPHL
Propagation Delay
5.0
1.5
8.0
1.0
8.5
ns
3–6
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
30
pF
VCC = 5.0 V


Podobny numer części - MC74AC04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74AC04 MOTOROLA-MC74AC04 Datasheet
123Kb / 5P
   HEX INVERTER
logo
ON Semiconductor
MC74AC04 ONSEMI-MC74AC04 Datasheet
140Kb / 10P
   Hex Inverter
October, 2006 ??Rev. 7
MC74AC04 ONSEMI-MC74AC04 Datasheet
87Kb / 8P
   Hex Inverter
January, 2015 ??Rev. 8
MC74AC04 ONSEMI-MC74AC04 Datasheet
86Kb / 8P
   Hex Inverter
August, 2017 ??Rev. 9
MC74AC04D ONSEMI-MC74AC04D Datasheet
140Kb / 10P
   Hex Inverter
October, 2006 ??Rev. 7
More results

Podobny opis - MC74AC04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com