Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

93LC86BTIOTG Arkusz danych(PDF) 10 Page - Microchip Technology

Numer części 93LC86BTIOTG
Szczegółowy opis  16K Microwire Compatible Serial EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC86BTIOTG Arkusz danych(HTML) 10 Page - Microchip Technology

Back Button 93LC86BTIOTG Datasheet HTML 6Page - Microchip Technology 93LC86BTIOTG Datasheet HTML 7Page - Microchip Technology 93LC86BTIOTG Datasheet HTML 8Page - Microchip Technology 93LC86BTIOTG Datasheet HTML 9Page - Microchip Technology 93LC86BTIOTG Datasheet HTML 10Page - Microchip Technology 93LC86BTIOTG Datasheet HTML 11Page - Microchip Technology 93LC86BTIOTG Datasheet HTML 12Page - Microchip Technology 93LC86BTIOTG Datasheet HTML 13Page - Microchip Technology 93LC86BTIOTG Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
93AA86A/B/C, 93LC86A/B/C, 93C86A/B/C
DS21797G-page 10
© 2005 Microchip Technology Inc.
2.8
Write
The WRITE instruction is followed by 8 bits (If ORG is
low or A-version devices) or 16 bits (If ORG pin is high
or B-version devices) of data which are written into the
specified address. The self-timed auto-erase and
programming cycle is initiated by the rising edge of CLK
on the last data bit.
The DO pin indicates the Ready/Busy status of the
device, if CS is brought high after a minimum of 250 ns
low (TCSL). DO at logical ‘0’ indicates that programming
is still in progress. DO at logical ‘1’ indicates that the
register at the specified address has been written with
the data specified and the device is ready for another
instruction.
FIGURE 2-6:
WRITE TIMING
Note:
The write sequence requires a logic high
signal on the PE pin prior to the rising
edge of the last data bit.
Note:
After the Write cycle is complete, issuing a
Start bit and then taking CS low will clear
the Ready/Busy status from DO
CS
CLK
DI
DO
1
0
1
An
•••
A0
Dx
•••
D0
Busy
Ready
High-Z
High-Z
TWC
TCSL
TCZ
TSV


Podobny numer części - 93LC86BTIOTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
93LC86BT-E/CH MICROCHIP-93LC86BT-E/CH Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93LC86BT-E/MC MICROCHIP-93LC86BT-E/MC Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93LC86BT-E/MS MICROCHIP-93LC86BT-E/MS Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93LC86BT-E/OT MICROCHIP-93LC86BT-E/OT Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93LC86BT-E/P MICROCHIP-93LC86BT-E/P Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
More results

Podobny opis - 93LC86BTIOTG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
   16K Microwire Compatible Serial EEPROM
11/29/11
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Microchip Technology
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
   8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
   8K/16K 2.5V Microwire Serial EEPROM
1996
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
   8K/16K 2.5V Microwire Serial EEPROM
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com