Zakładka z wyszukiwarką danych komponentów |
|
74LVC1G00GW Arkusz danych(PDF) 10 Page - NXP Semiconductors |
|
74LVC1G00GW Arkusz danych(HTML) 10 Page - NXP Semiconductors |
10 / 15 page 2004 Sep 07 10 Philips Semiconductors Product specification Single 2-input NAND gate 74LVC1G00 handbook, full pagewidth VEXT VCC VI VO MNA616 D.U.T. CL RT RL RL PULSE GENERATOR Fig.7 Load circuitry for switching times. VCC VI CL RL VEXT tPLH/tPHL tPZH/tPHZ tPZL/tPLZ 1.65 V to 1.95 V VCC 30 pF 1 k Ω open GND 2 × VCC 2.3 V to 2.7 V VCC 30 pF 500 Ω open GND 2 × VCC 2.7 V 2.7 V 50 pF 500 Ω open GND 6 V 3.0 V to 3.6 V 2.7 V 50 pF 500 Ω open GND 6 V 4.5 V to 5.5 V VCC 50 pF 500 Ω open GND 2 × VCC Definitions for test circuit: RL = Load resistor. CL = Load capacitance including jig and probe capacitance. RT = Termination resistance should be equal to the output impedance Zo of the pulse generator. |
Podobny numer części - 74LVC1G00GW |
|
Podobny opis - 74LVC1G00GW |