Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM311 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części LM311
Szczegółowy opis  DIFFERENTIAL COMPARATORS WITH STROBES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM311 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LM311 Datasheet HTML 2Page - Texas Instruments LM311 Datasheet HTML 3Page - Texas Instruments LM311 Datasheet HTML 4Page - Texas Instruments LM311 Datasheet HTML 5Page - Texas Instruments LM311 Datasheet HTML 6Page - Texas Instruments LM311 Datasheet HTML 7Page - Texas Instruments LM311 Datasheet HTML 8Page - Texas Instruments LM311 Datasheet HTML 9Page - Texas Instruments LM311 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
LM111, LM211, LM311
DIFFERENTIAL COMPARATORS WITH STROBES
SLCS007H – SEPTEMBER 1973 – REVISED AUGUST 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
NOTE A: Condition 1 is with BALANCE and BAL/STRB open.
Condition 2 is with BALANCE and BAL/STRB connected
to VCC+.
Figure 1
10
8
4
2
0
18
6
–60 –40 –20
0
20
40
60
14
12
16
INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
20
80
100 120 140
TA – Free-Air Temperature – °C
LM311
Condition 2
Condition 1
LM111
LM211
LM111
LM211
LM311
VCC± = ±15 V
VO = 1 V to 14 V
See Note A
NOTE A: Condition 1 is with BALANCE and BAL/STRB open.
Condition 2 is with BALANCE and BAL/STRB connected
to VCC+.
Figure 2
250
200
100
50
0
450
150
–60 –40 –20
0
20
40
60
350
300
400
500
80
100 120 140
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
LM311
LM311
LM111
LM211
Condition 2
VCC± = ±15 V
VO = 1 V to 14 V
See Note A
LM111
LM211
Condition 1
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


Podobny numer części - LM311

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM311 NSC-LM311 Datasheet
1Mb / 23P
   Voltage Comparator
logo
Seoul Semiconductor
LM311 SEOUL-LM311 Datasheet
376Kb / 14P
   INFRARED LAMP LED
logo
Texas Instruments
LM311 TI1-LM311 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
logo
ON Semiconductor
LM311 ONSEMI-LM311 Datasheet
174Kb / 8P
   HIGH PERFORMANCE VOLTAGE COMPARATORS
1996 Rev 5
logo
Seoul Semiconductor
LM311 SEOUL-LM311 Datasheet
360Kb / 13P
   CYAN LAMP LED
More results

Podobny opis - LM311

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM211P TI1-LM211P Datasheet
1Mb / 31P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111 TI1-LM111_14 Datasheet
1Mb / 32P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LM111_1003 TI-LM111_1003 Datasheet
653Kb / 28P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI-LP211_06 Datasheet
240Kb / 11P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LP211 TI1-LP211_14 Datasheet
829Kb / 14P
[Old version datasheet]   LOW-POWER DIFFERENTIAL COMPARATORS WITH STROBES
LM211-Q1 TI-LM211-Q1 Datasheet
339Kb / 18P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-Q1 TI1-LM211-Q1_14 Datasheet
354Kb / 21P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_14 Datasheet
820Kb / 24P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP Datasheet
597Kb / 22P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
LM211-EP TI1-LM211-EP_16 Datasheet
820Kb / 23P
[Old version datasheet]   DIFFERENTIAL COMPARATOR WITH STROBES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com