Zakładka z wyszukiwarką danych komponentów |
|
78D05 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers |
|
78D05 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 6 page 78DXX LINEAR INTEGRATED CIRCUIT 2 ABSOLUTE MAXIMUM RATINGS ( Operating temperature range applies unless otherwise specified ) PARAMETER SYMBOL VALUE UNIT Input voltage(for Vo=5~18V) (for Vo=20~24V) VI 35 40 V V Output Current I o 0.5 A Power Dissipation PD Internally Limited W Operating Junction Temperature Range TJ +150 C Storage Temperature Range TSTG -65 to+150 C Contek78D05 ELECTRICAL CHARACTERISTICS ( VI=10V, Io=0.5A, Tj= 0 C - 125 C, C1=0.33uF, Co=0.1uF, unless otherwise specified )(Note 1) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Tj=25 C, IO=5mA - 0.5A 4.8 5.0 5.2 V Output Voltage Vo VI =7.5V to 20V, IO=5mA 0.5A,PD<7W 4.75 5.25 V Load Regulation DVo Tj=25 C,IO=5mA - 0.5A 50 mV Tj=25 C,IO=5mA - 200 mA 25 mV Line regulation DVo VI =7V to 25V,Tj=25 C 50 mV VI =7.5V to 20V,Tj=25 C,Io=0.5A 50 mV Quiescent Current Iq Tj=25 C, IO=0.5A 8.0 mA Quiescent Current Change DIq VI =7.5V to 20V 1.0 mA DIq IO=5mA - 0.5A 0.5 mA Output Noise Voltage VN 10Hz<=f<=100kHz 40 uV Temperature coefficient of Vo DVo/DT Io=5mA -0.6 mV/ C Ripple Rejection RR VI =8V -18V,f=120Hz,Tj=25 C 62 80 dB Peak Output Current IPK Tj=25 C 1.2 A Short-Circuit Current ISC VI=35V, Tj=25 C 250 mA Dropout Voltage Vd Tj=25 C 2.0 V Contek78D06 ELECTRICAL CHARACTERISTICS ( VI=11V, Io=0.5A, Tj= 0 C - 125 C, C1=0.33uF, Co=0.1uF, unless otherwise specified )(Note 1) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Tj=25 C, IO=5mA - 0.5A 5.75 6.0 6.26.2 V Output Voltage Vo VI =8.5V to 21V, IO=5mA 0.5A, PD<7W 5.7 6.3 V Load Regulation DVo Tj=25 C,IO=5mA - 0.5A 60 mV Tj=25 C,IO=5mA - 200mA 30 mV Line regulation DVo VI =8V to 25V,Tj=25 C 60 mV VI =8.5V to 21V,Tj=25 C,Io=0.5A 60 mV Quiescent Current Iq Tj=25 C, IO=0.5A 8.0 mA Quiescent Current Change DIq VI =8.5V to 21V 1.0 mA DIq IO=5mA 0.5A 0.5 mA Output Noise Voltage VN 10Hz<=f<=100kHz 45 uV Temperature coefficient of Vo DVo/DT Io=5mA -0.7 mV/ C Ripple Rejection RR VI =9V - 19V,f=120Hz,Tj=25 C 59 75 dB CONTEK Contek Microelectronics Co.,Ltd. http://www.contek-ic.com E-mail:sales@contek-ic.com |
Podobny numer części - 78D05 |
|
Podobny opis - 78D05 |