Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74VHCT157AM Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC74VHCT157AM
Szczegółowy opis  Quad 2-Channel Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT157AM Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC74VHCT157AM Datasheet HTML 1Page - ON Semiconductor MC74VHCT157AM Datasheet HTML 2Page - ON Semiconductor MC74VHCT157AM Datasheet HTML 3Page - ON Semiconductor MC74VHCT157AM Datasheet HTML 4Page - ON Semiconductor MC74VHCT157AM Datasheet HTML 5Page - ON Semiconductor MC74VHCT157AM Datasheet HTML 6Page - ON Semiconductor MC74VHCT157AM Datasheet HTML 7Page - ON Semiconductor MC74VHCT157AM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74VHCT157A
http://onsemi.com
4
DC CHARACTERISTICS (Voltages Referenced to GND)
VCC
TA = 25°C
TA ≤ 85°C
–55
°C ≤ TA ≤ 125°C
Symbol
Parameter
Condition
(V)
Min
Typ
Max
Min
Max
Min
Max
Unit
VIH
Minimum High–Level
Input Voltage
4.5 to 5.5
2
2
0.8
2
V
VIL
Maximum Low–Level
Input Voltage
4.5 to 5.5
0.8
0.8
0.8
V
VOH
Maximum High–Level
Output Voltage
VIN = VIH or VIL
IOH = –50 µA
4.5
4.4
4.5
4.4
4.4
V
Ou u
o age
VIN = VIH or VIL
IOH = –8 mA
4.5
3.94
3.8
3.66
VOL
Maximum Low–Level
Output Voltage
VIN = VIH or VIL
IOL = 50 µA
4.5
0.0
0.1
0.1
0.1
V
Ou u
o age
VIN = VIH or VIL
IOH = 8 mA
4.5
0.36
0.44
0.52
IIN
Input Leakage Current
VIN = 5.5 V or GND
0 to 5.5
±0.1
±1.0
±1.0
µA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
4.0
40.0
40.0
µA
ICCT
Additional Quiescent
Supply Current
(per Pin)
Any one input:
VIN = 3.4 V
All other inputs:
VIN = VCC or GND
5.5
1.35
1.5
1.5
µA
IOPD
Output Leakage
Current
VOUT = 5.5 V
0
0.5
5
5
µA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
TA = 25°C
TA = ≤ 85°C
–55
°C ≤ TA ≤ 125°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH,
tPHL
Maximum Propagation
Delay
AtoBtoY
VCC = 3.3 ± 0.3 V
CL = 15pF
CL = 50pF
5.6
8.0
7.0
10.0
1.0
1.0
7.7
11.0
1.0
1.0
7.7
11.0
ns
A to B to Y
VCC = 5.0 ± 0.5 V
CL = 15pF
CL = 50pF
4.1
5.6
6.4
8.4
1.0
1.0
7.5
9.5
1.0
1.0
7.5
9.5
tPLH,
tPHL
Maximum Propagation
Delay
StoY
VCC = 3.3 ± 0.3 V
CL = 15pF
CL = 50pF
6.1
8.5
7.5
10.5
1.0
1.0
8.2
11.5
1.0
1.0
8.2
11.5
ns
S to Y
VCC = 5.0 ± 0.5 V
CL = 15pF
CL = 50pF
5.3
6.8
8.1
10.1
1.0
1.0
9.5
11.5
1.0
1.0
9.5
11.5
tPLH,
tPHL
Maximum Propagation
Delay
E to Y
VCC = 3.3 ± 0.3 V
CL = 15pF
CL = 50pF
6.1
8.5
7.5
10.5
1.0
1.0
8.2
11.5
1.0
1.0
8.2
11.5
ns
E to Y
VCC = 5.0 ± 0.5 V
CL = 15pF
CL = 50pF
5.6
7.1
8.6
10.6
1.0
1.0
10.0
12.0
1.0
1.0
10.0
12.0
CIN
Maximum Input
Capacitance
4
10
10
10
pF
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Note 6.)
20
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no–load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Podobny numer części - MC74VHCT157AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHCT157AM ONSEMI-MC74VHCT157AM Datasheet
101Kb / 7P
   Quad 2?묬hannel Multiplexer
December, 2005 ??Rev. 2
MC74VHCT157AMEL ONSEMI-MC74VHCT157AMEL Datasheet
101Kb / 7P
   Quad 2?묬hannel Multiplexer
December, 2005 ??Rev. 2
MC74VHCT157AMELG ONSEMI-MC74VHCT157AMELG Datasheet
101Kb / 7P
   Quad 2?묬hannel Multiplexer
December, 2005 ??Rev. 2
MC74VHCT157AMG ONSEMI-MC74VHCT157AMG Datasheet
101Kb / 7P
   Quad 2?묬hannel Multiplexer
December, 2005 ??Rev. 2
More results

Podobny opis - MC74VHCT157AM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
   Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
   Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
   Quad 2-Channel Multiplexer
logo
STMicroelectronics
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com