Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145170P1 Arkusz danych(PDF) 7 Page - Motorola, Inc

Numer części MC145170P1
Szczegółowy opis  PLL Frequency Synthesizer with Serial Interface CMOS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145170P1 Arkusz danych(HTML) 7 Page - Motorola, Inc

Back Button MC145170P1 Datasheet HTML 3Page - Motorola, Inc MC145170P1 Datasheet HTML 4Page - Motorola, Inc MC145170P1 Datasheet HTML 5Page - Motorola, Inc MC145170P1 Datasheet HTML 6Page - Motorola, Inc MC145170P1 Datasheet HTML 7Page - Motorola, Inc MC145170P1 Datasheet HTML 8Page - Motorola, Inc MC145170P1 Datasheet HTML 9Page - Motorola, Inc MC145170P1 Datasheet HTML 10Page - Motorola, Inc MC145170P1 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
MC145170–1
MOTOROLA
7
SINE WAVE
GENERATOR
100 pF
MC145170–1
TEST
POINT
V+
VDD
fin
fV
Vin
50
*
Figure 7. Test Circuit
SINE WAVE
GENERATOR
50
0.01
µF
TEST
POINT
VDD
OSCin
fR
Vin
Figure 8. Test Circuit
C1
TEST
POINT
VDD
REFout
VSS
OSCin
OSCout
C2
Figure 9. Test Circuit
50%
REFout
1/f REFout
Figure 10. Switching Waveform
10%
90%
OUTPUT
tTLH
tTHL
Figure 11. Switching Waveform
50%
tw
TEST POINT
DEVICE
UNDER
TEST
CL*
* Includes all probe and
fixture capacitance.
Figure 12. Test Circuit
VSS
V+
VSS
V+
MC145170–1
OSCout
MC145170–1
OUTPUT
* Characteristic impedance
10 M


Podobny numer części - MC145170P1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145170P MOTOROLA-MC145170P Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170P2 MOTOROLA-MC145170P2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
MC145170P2 LANSDALE-MC145170P2 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170P2 FREESCALE-MC145170P2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Podobny opis - MC145170P1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
ML145106 LANSDALE-ML145106 Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
Fujitsu Component Limit...
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com