Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13181 Arkusz danych(PDF) 10 Page - Motorola, Inc

Numer części MC13181
Szczegółowy opis  Wireless Power Management Integrated Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13181 Arkusz danych(HTML) 10 Page - Motorola, Inc

Back Button MC13181 Datasheet HTML 6Page - Motorola, Inc MC13181 Datasheet HTML 7Page - Motorola, Inc MC13181 Datasheet HTML 8Page - Motorola, Inc MC13181 Datasheet HTML 9Page - Motorola, Inc MC13181 Datasheet HTML 10Page - Motorola, Inc MC13181 Datasheet HTML 11Page - Motorola, Inc MC13181 Datasheet HTML 12Page - Motorola, Inc MC13181 Datasheet HTML 13Page - Motorola, Inc MC13181 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
MC13181 Advance Information
MOTOROLA
Pin Function Descriptions
7
VOUT3.0/3.3
VOUT3.0/3.3 Regulator,
LDO_3.0/3.3, 60 mA
Output
Bypass with
low ESR
1.0
µF
tantalum
capacitor
[Note 1]
8
VCC2
VCC2, Positive Supply,
Power Supply Input for
non-VCC1 blocks
same as pin 3
Bypass with
a 0.1
µF
close to the
part and a
1.0
µF low
ESR.
9
DELAY_CAP
DELAY_CAP, Reset
Delay Cap Input
10
Q1_B
Q1_B, Input to Inverter
and Complementary
Input to OR Gate
can tolerate
high to VCC
11
Q2
Q2, Input to OR Input
can tolerate
high to VCC
Table 5. Pin Function Description (Continued)
Pin
Symbol/
Type
Description
Equivalent Internal Circuit
Notes
NOTES: 1. All capacitors are assumed to be low ESR tantalum. De-rating factor on capacitance value is assumed to be -20% to 10% over all
cases of tolerance and temperature.
2. Contact assignments are subject to change.
7
C
ext
ESD
V
ref
160 k
115 k
23 k
3.0/3.3
select
V
CC2
9
V
ref
ESD
500 nA
C
delay
10*
V
CC2
500 nA
ESD
* also pins 16 & 21
11*
V
CC2
500 nA
ESD
* also pins 13, 14, 17 & 18


Podobny numer części - MC13181

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC13180 MOTOROLA-MC13180 Datasheet
995Kb / 58P
   2.4 GHz Low Power Wireless Transceiver IC for Bluetooth??Applications
More results

Podobny opis - MC13181

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
   Power Management Integrated Circuit
BD71850MWV ROHM-BD71850MWV Datasheet
1Mb / 119P
   Power Management Integrated Circuit
16.Mar.2020 Rev.002
BD71847AMWV ROHM-BD71847AMWV Datasheet
3Mb / 120P
   Power Management Integrated Circuit
logo
ON Semiconductor
NCP2704 ONSEMI-NCP2704 Datasheet
784Kb / 28P
   Audio Management Integrated Circuit
November, 2010 ??Rev. 0
logo
NXP Semiconductors
MMPF0200F0AEP NXP-MMPF0200F0AEP Datasheet
2Mb / 114P
   12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
MMPF0100 NXP-MMPF0100_V01 Datasheet
2Mb / 137P
   14 channel configurable power management integrated circuit
Rev. 19, 4/2022
MMPF0100 NXP-MMPF0100 Datasheet
1Mb / 136P
   14 channel configurable power management integrated circuit
Rev. 18, 7/2019
logo
Freescale Semiconductor...
MMPF0100 FREESCALE-MMPF0100 Datasheet
2Mb / 136P
   14 Channel Configurable Power Management Integrated Circuit
logo
NXP Semiconductors
MMPF0200 NXP-MMPF0200 Datasheet
2Mb / 114P
   12 channel configurable power management integrated circuit
Rev. 6.0, 8/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com