Zakładka z wyszukiwarką danych komponentów |
|
MC74ACT14DT Arkusz danych(PDF) 4 Page - ON Semiconductor |
|
MC74ACT14DT Arkusz danych(HTML) 4 Page - ON Semiconductor |
4 / 8 page MC74AC14, MC74ACT14 http://onsemi.com 4 INPUT CHARACTERISTICS (unless otherwise specified) Symbol Parameter VCC 74AC 74ACT Test Conditions Symbol Parameter VCC (V) 74AC 74ACT Test Conditions Maximum Positive 3.0 2.2 Vt + Maximum Positive Threshold 4.5 3.2 2.0 V TA = Worst Case Threshold 5.5 3.9 Minimum Negative 3.0 0.5 Vt – Minimum Negative Threshold 4.5 0.9 0.8 V TA = Worst Case Threshold 5.5 1.1 3.0 1.2 Vh(max) Maximum Hysteresis 4.5 1.4 1.2 V TA = Worst Case 5.5 1.6 3.0 0.3 Vh(min) Minimum Hysteresis 4.5 0.4 0.4 V TA = Worst Case 5.5 0.5 DC CHARACTERISTICS 74ACT 74ACT Symbol Parameter VCC (V) TA = +25°C TA = –40 °C to +85°C Unit Conditions () Typ Guaranteed Limits VOH Minimum High Level 4.5 4.49 4.4 4.4 V IOUT = –50 µA g Output Voltage 5.5 5.49 5.4 5.4 V *VIN = VIL or VIH 4.5 – 3.86 3.76 V IOH –24 mA 5.5 – 4.86 4.76 IOH –24 mA VOL Maximum Low Level 4.5 0.001 0.1 0.1 V IOUT = 50 µA Output Voltage 5.5 0.001 0.1 0.1 V *VIN = VIL or VIH 4.5 – 0.36 0.44 V IOL 24 mA 5.5 – 0.36 0.44 IOL 24 mA IIN Maximum Input 55 – ±01 ±10 µA VI =VCC GND Leakage Current 5.5 – ±0.1 ±1.0 µA VI = VCC, GND ∆ICCT Additional Max. ICC/Input 5.5 0.6 – 1.5 mA VI = VCC – 2.1 V IOLD †Minimum Dynamic Ot t C t 5.5 – – 75 mA VOLD = 1.65 V Max IOHD Output Current 5.5 – – –75 mA VOHD = 3.85 V Min ICC Maximum Quiescent 55 – 40 40 µA VIN =VCC or GND Q Supply Current 5.5 – 4.0 40 µA VIN = VCC or GND *All outputs loaded; thresholds on input associated with output under test. †Maximum test duration 2.0 ms, one output loaded at a time. |
Podobny numer części - MC74ACT14DT |
|
Podobny opis - MC74ACT14DT |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |