Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14532BCL Arkusz danych(PDF) 6 Page - Motorola, Inc

Numer części MC14532BCL
Szczegółowy opis  8-BIT PRIORITY ENCODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14532BCL Arkusz danych(HTML) 6 Page - Motorola, Inc

  MC14532BCL Datasheet HTML 1Page - Motorola, Inc MC14532BCL Datasheet HTML 2Page - Motorola, Inc MC14532BCL Datasheet HTML 3Page - Motorola, Inc MC14532BCL Datasheet HTML 4Page - Motorola, Inc MC14532BCL Datasheet HTML 5Page - Motorola, Inc MC14532BCL Datasheet HTML 6Page - Motorola, Inc MC14532BCL Datasheet HTML 7Page - Motorola, Inc MC14532BCL Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
MC14532B
6
Figure 4. Two MC14532B’s Cascaded for 4–Bit Output
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Q1
Q0
Q2
Q1
Q0
Q2
Q1
Q0
Q2
Q3
GS
3/4 MC14071B
VDD
Ein
Eout
Ein
Eout
Eout = “1”
WITH Din = “0”
Figure 5. Digital to Analog and Analog to Digital Converter
DIGITAL TO ANALOG CONVERSION
The digital eight–bit word to be converted is applied to
the inputs of the MC14512 with the most significant bit at
X7 and the least significant bit at X0. A clock input of up to
2.5 MHz (at VDD = 10 V) is applied to the MC14520B.
A compromise between Ibias for the MC1710 and ∆R
between N and P–channel outputs gives a value of R of
33 k ohms. In order to filter out the switching frequencies,
R C s h o u l d b e a b o u t 1 . 0 m s ( i f R = 3 3 k o h m s ,
C
[ 0.03 µF). The analog 3.0 dB bandwidth would then be
dc to 1.0 kHz.
ANALOG TO DIGITAL CONVERSION
An analog signal is applied to the analog input of the
MC1710. A digital eight–bit word known to represent a digi-
tized level less than the analog input is applied to the
MC14512 as in the D to A conversion. The word is increm-
ented at rates sufficient to allow steady state to be reached
between incrementations (i.e. 3.0 ms). The output of the
MC1710 will change when the digital input represents the
first digitized level above the analog input. This word is the
digital representation of the analog word.
ANALOG
OUTPUT
CLOCK
INPUT
ANALOG
INPUT
VDD
X7 X6 X5 X4 X3 X2 X1 X0
MC14512
A
B
C
MC1710
R
C
Z
VDD
VSS
Ein
D0 D1 D2 D3 D4 D5 D6 D7
Q2
Q0
Q1
STOP
WORD
INCREMENTATION
Q2
Q4
Q3
Q1
Q2
Q4
Q3
Q1
C
E
R
C
E
R
1/2 MC14520B
1/2 MC14520B
DIGITAL INPUT/OUTPUT
8–BIT WORD
TO BE CONVERTED


Podobny numer części - MC14532BCL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14532BCP ONSEMI-MC14532BCP Datasheet
197Kb / 12P
   8-Bit Priority Encoder
March, 2000 ??Rev. 3
MC14532BCP ONSEMI-MC14532BCP Datasheet
99Kb / 7P
   MC14532B_06
April, 2006 ??Rev. 6
MC14532BCPG ONSEMI-MC14532BCPG Datasheet
99Kb / 7P
   MC14532B_06
April, 2006 ??Rev. 6
More results

Podobny opis - MC14532BCL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B Datasheet
197Kb / 12P
   8-Bit Priority Encoder
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
   8-BIT PRIORITY ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
logo
STMicroelectronics
HCF4532B STMICROELECTRONICS-HCF4532B_04 Datasheet
477Kb / 13P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B_14 Datasheet
115Kb / 7P
   8-Bit Priority Encoder
July, 2014 ??Rev. 9
logo
Texas Instruments
CD4532B TI-CD4532B Datasheet
539Kb / 11P
[Old version datasheet]   CMOS 8-Bit Priority Encoder
logo
Intersil Corporation
CD4532BMS INTERSIL-CD4532BMS Datasheet
88Kb / 9P
   CMOS 8-Bit Priority Encoder
December 1992
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165_06 Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
logo
NXP Semiconductors
74F148 PHILIPS-74F148 Datasheet
85Kb / 10P
   8-input priority encoder
1990 Mar 01
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165 Datasheet
117Kb / 5P
   8-Input Priority Encoder
REV 5
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com