Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145500 Arkusz danych(PDF) 11 Page - Motorola, Inc

Numer części MC145500
Szczegółowy opis  PCM CODEC-FILTER MONO- CIRCUIT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145500 Arkusz danych(HTML) 11 Page - Motorola, Inc

Back Button MC145500 Datasheet HTML 7Page - Motorola, Inc MC145500 Datasheet HTML 8Page - Motorola, Inc MC145500 Datasheet HTML 9Page - Motorola, Inc MC145500 Datasheet HTML 10Page - Motorola, Inc MC145500 Datasheet HTML 11Page - Motorola, Inc MC145500 Datasheet HTML 12Page - Motorola, Inc MC145500 Datasheet HTML 13Page - Motorola, Inc MC145500 Datasheet HTML 14Page - Motorola, Inc MC145500 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
MC145500
•MC145501•MC145502•MC145503•MC145505
MOTOROLA
11
RxO, RxO
Receive Analog Outputs
These two complimentary outputs are generated from the
output of the receive filter. They are equal in magnitude and
out of phase. The maximum signal output of each is equal to
the maximum peak–to–peak signal described with the refer-
ence. If a 3.15 V reference is used with RSI tied to VAG and a
+ 3 dBm0 sine wave is decoded, the RxO output will be a
6.3 V peak–to–peak signal. RxO will also have an inverted
signal output of 6.3 V peak–to–peak. External loads may be
connected from RxO to RxO for a 6 dB push–pull signal gain
or from either RxO or RxO to VAG. With a 3.15 V reference
each output will drive 600
Ω to + 9 dBm. With RSI tied to VDD,
each output will drive 900
Ω to + 9 dBm.
RxG
Receive Output Gain Adjust (MC145502 Only)
The purpose of the RxG pin is to allow external gain ad-
justment for the RxO pin. If RxG is left open, then the output
signal at RxO will be inverted and output at RxO. Thus the
push–pull gain to a load from RxO to RxO is two times the
output level at RxO. If external resistors are applied from
RxO to RxG (RI) and from RxG to RxO (RG), the gain of RxO
can be set differently from inverting unity. These resistors
should be in the range of 10 k
Ω. The RxO output level is un-
changed by the resistors and the RxO gain is approximately
equal to minus RG/RI. The actual gain is determined by tak-
ing into account the internal resistors which will be in parallel
to these external resistors. The internal resistors have a
large tolerance, but they match each other very closely. This
matching tends to minimize the effects of their tolerance on
external gain configurations. The circuit for RxG and RxO is
shown in the block diagram.
Txl
Transmit Analog Input
TxI is the input to the transmit filter. It is also the output of
the transmit gain amplifiers of the MC145501/02/03/05. The
input impedance is greater than 100 k
Ω to VAG in the
MC145500. The TxI input has an internal gain of 1.0, such
that a +3 dBm0 signal at TxI corresponds to the peak con-
verter reference voltage as described in the Vref and RSI pin
descriptions. For 3.15 V reference, the + 3 dBm0 input
should be 6.3 V peak–to–peak.
+Tx / –Tx
Positive Tx Amplifier Input (MC145502/03/05 Only) /
Negative Tx Amplifier Input (MC145501/02/03/05 Only)
The Txl pin is the input to the transmit band–pass filter. If
+Tx or –Tx is available, then there is an internal amplifier
preceding the filter whose pins are +Tx, –Tx, and TxI. These
pins allow access to the amplifier terminals to tailor the input
gain with external resistors. The resistors should be in the
range of 10 k
Ω. If +Tx is not available, it is internally tied to
VAG. If –Tx and +Tx are not available, the TxI is a unity gain
high–impedance input.
POWER SUPPLIES
VDD
Most Positive Power Supply
VDD is typically 5 to 12 V.
VSS
Most Negative Power Supply
VSS is typically 10 to 12 V negative of VDD.
For a
± 5 V dual–supply system, the typical power supply
configuration is VDD = + 5 V, VSS = – 5 V, VLS = 0 V (digital
ground accommodating TTL logic levels), and VAG = 0 V
being tied to system analog ground.
For single–supply applications, typical power supply con-
figurations include:
VDD = 10 V to 12 V
VSS = 0 V
VAG generates a mid supply voltage for referencing all
analog signals.
VLS controls the logic levels. This pin should be connected
to VDD for CMOS logic levels from VSS to VDD. This pin
should be connected to digital ground for true TTL logic
levels referenced to VLS.
TESTING CONSIDERATIONS (MC145500/01/02 ONLY)
An analog test mode is activated by connecting MSI and
CCI to 128 kHz. In this mode, the input of the A/D (the output
of the Tx filter) is available at the PDI pin. This input is direct
coupled to the A/D side of the codec. The A/D is a differential
design. This results in the gain of this input being effectively
attenuated by half. If monitored with a high–impedance buff-
er, the output of the Tx low–pass filter can also be measured
at the PDI pin. This test mode allows independent evaluation
of the transmit low–pass filter and A/D side of the codec. The
transmit and receive channels of these devices are tested
with the codec–filter fully functional.


Podobny numer części - MC145500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
MC145502FN LANSDALE-MC145502FN Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502FN LANSDALE-MC145502FN Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502P LANSDALE-MC145502P Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502P LANSDALE-MC145502P Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
MC145503DW LANSDALE-MC145503DW Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
More results

Podobny opis - MC145500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145506 LANSDALE-ML145506 Datasheet
6Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502_08 Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145506 MOTOROLA-MC145506 Datasheet
405Kb / 24P
   PCM CODEC FILTER MONO CIRCUIT
logo
LANSDALE Semiconductor ...
ML145502 LANSDALE-ML145502 Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com