Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14549BCL Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MC14549BCL
Szczegółowy opis  SUCCESSIVE APPROXIMATION REGISTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14549BCL Arkusz danych(HTML) 4 Page - Motorola, Inc

  MC14549BCL Datasheet HTML 1Page - Motorola, Inc MC14549BCL Datasheet HTML 2Page - Motorola, Inc MC14549BCL Datasheet HTML 3Page - Motorola, Inc MC14549BCL Datasheet HTML 4Page - Motorola, Inc MC14549BCL Datasheet HTML 5Page - Motorola, Inc MC14549BCL Datasheet HTML 6Page - Motorola, Inc MC14549BCL Datasheet HTML 7Page - Motorola, Inc MC14549BCL Datasheet HTML 8Page - Motorola, Inc MC14549BCL Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
MC14549B MC14559B
4
SWITCHING TIME TEST CIRCUIT AND WAVEFORMS
1
fcl
tWH(cl)
50%
50%
tsu
tsu
tsu
tWH(D)
tPHL
tPLH
50%
50%
90%
10%
tTLH
tPLH
tTHL
90%
50%
10%
tTLH
Sout
Q7
D
SC
C
NOTE: Pin 10 = VSS
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
VDD
VSS
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
EOC
Sout
C
SC
FF(MR)
D
PROGRAMMABLE
PULSE
GENERATOR
TIMING DIAGRAM
* — Q8 is ninth–bit of serial information available from 8–bit register.
NOTE: Pin 10 = VSS
INH — Indicates Serial Out is inhibited low.
— Don’t care condition
CLOCK
SC
D
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
EOC
Sout
INH
INH Q7 Q6
Q7
Q5
Q3
Q1
Q8* INH
Q6
Q4
Q2
Q0


Podobny numer części - MC14549BCL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14549BCP ONSEMI-MC14549BCP Datasheet
85Kb / 12P
   Successive Approximation Registers
August, 2000 ??Rev. 4
MC14549BCP ONSEMI-MC14549BCP Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
MC14549BCPG ONSEMI-MC14549BCPG Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
More results

Podobny opis - MC14549BCL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DM2502 TI1-DM2502_11 Datasheet
447Kb / 10P
[Old version datasheet]   Successive Approximation Registers
logo
ON Semiconductor
MC14549B ONSEMI-MC14549B_06 Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
logo
National Semiconductor ...
DM2502 NSC-DM2502 Datasheet
197Kb / 8P
   Successive Approximation Registers
logo
ON Semiconductor
MC14549 ONSEMI-MC14549 Datasheet
85Kb / 12P
   Successive Approximation Registers
August, 2000 ??Rev. 4
MC14549B ONSEMI-MC14549B_14 Datasheet
117Kb / 8P
   Successive Approximation Registers
July, 2014 ??Rev. 8
logo
List of Unclassifed Man...
AM2502 ETC-AM2502 Datasheet
411Kb / 6P
   EIGHT BIT / TWELVE - BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
Hitachi Semiconductor
HD14549B HITACHI-HD14549B Datasheet
124Kb / 6P
   Successive Approximation Register
logo
List of Unclassifed Man...
AM25L04 ETC-AM25L04 Datasheet
268Kb / 8P
   LOW POWER EIGHT-BIT/TWELVE BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
National Semiconductor ...
DM54LS502 NSC-DM54LS502 Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
logo
Fairchild Semiconductor
MM74C905 FAIRCHILD-MM74C905 Datasheet
89Kb / 8P
   12-Bit Successive Approximation Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com