Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145480P Arkusz danych(PDF) 11 Page - Motorola, Inc

Numer części MC145480P
Szczegółowy opis  5V PCM CODEC-FILTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145480P Arkusz danych(HTML) 11 Page - Motorola, Inc

Back Button MC145480P Datasheet HTML 7Page - Motorola, Inc MC145480P Datasheet HTML 8Page - Motorola, Inc MC145480P Datasheet HTML 9Page - Motorola, Inc MC145480P Datasheet HTML 10Page - Motorola, Inc MC145480P Datasheet HTML 11Page - Motorola, Inc MC145480P Datasheet HTML 12Page - Motorola, Inc MC145480P Datasheet HTML 13Page - Motorola, Inc MC145480P Datasheet HTML 14Page - Motorola, Inc MC145480P Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MC145480
MOTOROLA
11
ANALOG ELECTRICAL CHARACTERISTICS (VDD = + 5 V ± 5%, VSS = 0 V, TA = – 40 to + 85°C)
Characteristics
Min
Typ
Max
Unit
Input Current
TI+, TI–
± 0.1
± 1.0
mA
AC Input Impedance to VAG (1 kHz)
TI+, TI–
1.0
M
Input Capacitance
TI+, TI–
10
pF
Input Offset Voltage of TG Op Amp
TI+, TI–
± 5
mV
Input Common Mode Voltage Range
TI+, TI–
1.2
VDD – 2.0
V
Input Common Mode Rejection Ratio
TI+, TI–
60
dB
Gain Bandwidth Product (10 kHz) of TG Op Amp (RL ≥ 10 kΩ)
3000
kHz
DC Open Loop Gain of TG Op Amp (RL ≥ 10 kΩ)
95
dB
Equivalent Input Noise (C–Message) Between TI+ and TI– at TG
– 30
dBrnC
Output Load Capacitance for TG Op Amp
0
100
pF
Output Voltage Range for TG
(RL = 10 kΩ to VAG)
(RL = 2 kΩ to VAG)
0.5
1.0
VDD – 0.5
VDD – 1.0
V
Output Current (0.5 V
≤ Vout ≤ VDD – 0.5 V)
TG, RO+, RO–
± 1.0
mA
Output Load Resistance to VAG
TG, RO+, and RO–
2
k
Output Impedance (0 to 3.4 kHz)
RO+ or RO–
1
Output Load Capacitance
RO+ or RO–
0
500
pF
DC Output Offset Voltage of RO+ or RO– Referenced to VAG
± 25
mV
VAG Output Voltage Referenced to VSS (No Load)
2.2
2.4
2.6
V
VAG Output Current with ± 25 mV Change in Output Voltage
± 2.0
± 10
mA
Power Supply Rejection Ratio
Transmit
(0 to 100 kHz @100 mVrms Applied to VDD,
Receive
C–Message Weighting, All Analog Signals
Referenced to VAG Pin)
50
50
80
75
dBC
Power Drivers PI, PO+, PO–
Input Current (VAG – 0.5 V ≤ PI ≤ VAG + 0.5 V)
PI
± 0.05
± 1.0
mA
Input Resistance (VAG – 0.5 V ≤ PI ≤ VAG + 0.5 V)
PI
10
M
Input Offset Voltage
PI
± 20
mV
Output Offset Voltage of PO+ Relative to PO– (Inverted Unity Gain for PO–)
± 50
mV
Output Current (VSS + 0.7 V ≤ PO+ or PO– ≤ VDD – 0.7 V)
± 10
mA
PO+ or PO– Output Resistance (Inverted Unity Gain for PO–)
1
Gain Bandwidth Product (10 kHz, Open Loop for PO–)
1000
kHz
Load Capacitance (PO+ or PO– to VAG, or PO+ to PO–)
0
1000
pF
Gain of PO+ Relative to PO– (RL = 300 Ω, + 3 dBm0, 1 kHz)
– 0.2
0
+ 0.2
dB
Total Signal to Distortion at PO+ and PO– with a 300
Ω Differential Load
45
60
dBC
Power Supply Rejection Ratio
0 to 4 kHz
(0 to 25 kHz @ 100 mVrms Applied to VDD.
4 to 25 kHz
PO– Connected to PI. Differential or Measured
Referenced to VAG Pin.)
40
55
40
dB


Podobny numer części - MC145480P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
MC145481DW MOTOROLA-MC145481DW Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
MC145481SD MOTOROLA-MC145481SD Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
MC145482DW MOTOROLA-MC145482DW Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
More results

Podobny opis - MC145480P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com