Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14562BCP Arkusz danych(PDF) 3 Page - Motorola, Inc

Numer części MC14562BCP
Szczegółowy opis  128-BIT STATIC SHIFT REGISTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14562BCP Arkusz danych(HTML) 3 Page - Motorola, Inc

  MC14562BCP Datasheet HTML 1Page - Motorola, Inc MC14562BCP Datasheet HTML 2Page - Motorola, Inc MC14562BCP Datasheet HTML 3Page - Motorola, Inc MC14562BCP Datasheet HTML 4Page - Motorola, Inc MC14562BCP Datasheet HTML 5Page - Motorola, Inc MC14562BCP Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
3
MC14562B
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ #
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q
tPLH, tPHL = (1.7 ns/pF) CL + 515 ns
tPLH, tPHL = (0.66 ns/pF) CL + 217 ns
tPLH, tPHL = (0.5 ns/pF) CL + 145 ns
tPLH,
tPHL
5.0
10
15
600
250
170
1200
500
340
ns
Clock Pulse Width
(50% Duty Cycle)
tWH
5.0
10
15
600
220
150
300
110
75
ns
Clock Pulse Frequency
fcl
5.0
10
15
1.9
5.6
8.0
1.1
3.0
4.0
MHz
Data to Clock Setup Time
tsu(1)
5.0
10
15
– 20
– 10
0
– 170
– 64
– 60
ns
tsu(0)
5.0
10
15
– 20
– 10
0
– 91
– 58
– 48
ns
Data to Clock Hold Time
th(1)
5.0
10
15
350
165
155
263
109
100
ns
th(0)
5.0
10
15
350
200
140
267
140
93
ns
Clock Input Rise and Fall Times
tr, tf
5.0
10
15
15
5
4
µs
* The formulas given are for the typical characteristics only at 25
_C.
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Power Dissipation Test Circuit and Waveforms
VDD
DATA
CLOCK
Q128
Q112
Q96
Q80
Q64
Q48
Q32
Q16
VSS
7
ID
500
µF
CL
CL
CL
CL
CL
CL
CL
CL
fo
CLOCK
DATA
(f = 1/2 fo)
VDD
VSS
VDD
VSS


Podobny numer części - MC14562BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14562BCP ONSEMI-MC14562BCP Datasheet
117Kb / 8P
   128-Bit Static Shift Register
March, 2000 ??Rev. 3
More results

Podobny opis - MC14562BCP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14562B ONSEMI-MC14562B Datasheet
117Kb / 8P
   128-Bit Static Shift Register
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14562B HITACHI-HD14562B Datasheet
69Kb / 5P
   128-bit Static Shift Register
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B Datasheet
100Kb / 8P
   8-Bit Static Shift Register
February, 2005 ??Rev. 5
logo
NXP Semiconductors
HEF4014B PHILIPS-HEF4014B Datasheet
89Kb / 6P
   8-bit static shift register
January 1995
logo
ON Semiconductor
MC14014B ONSEMI-MC14014B_14 Datasheet
107Kb / 7P
   8-Bit Static Shift Register
July, 2014 ??Rev. 9
logo
Hitachi Semiconductor
HD14006B HITACHI-HD14006B Datasheet
77Kb / 5P
   18-bit Static Shift Register
HD14021B HITACHI-HD14021B Datasheet
72Kb / 5P
   8-bit Static Shift Register
logo
NXP Semiconductors
HEF4021B NXP-HEF4021B Datasheet
89Kb / 14P
   8-bit static shift register
Rev. 04-10 November 2008
logo
Nexperia B.V. All right...
HEF4014B-Q100 NEXPERIA-HEF4014B-Q100 Datasheet
206Kb / 12P
   8-bit static shift register
HEF4021B NEXPERIA-HEF4021B Datasheet
242Kb / 14P
   8-bit static shift register
Rev. 11 - 1 December 2021
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com