Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145404DW Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MC145404DW
Szczegółowy opis  DRIVER / RECEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145404DW Arkusz danych(HTML) 4 Page - Motorola, Inc

  MC145404DW Datasheet HTML 1Page - Motorola, Inc MC145404DW Datasheet HTML 2Page - Motorola, Inc MC145404DW Datasheet HTML 3Page - Motorola, Inc MC145404DW Datasheet HTML 4Page - Motorola, Inc MC145404DW Datasheet HTML 5Page - Motorola, Inc MC145404DW Datasheet HTML 6Page - Motorola, Inc MC145404DW Datasheet HTML 7Page - Motorola, Inc MC145404DW Datasheet HTML 8Page - Motorola, Inc MC145404DW Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC145403
•MC145404•MC145405•MC145408
MOTOROLA
4
DRIVER ELECTRICAL SPECIFICATIONS
(Voltage Polarities Referenced to GND = 0 V, VDD = + 12 V, VSS = – 12 V, TA = – 40 to + 85°C, VCC = + 5 V, ± 10%)
Characteristic
Symbol
Min
Typ
Max
Unit
Digital Input Voltage
DI1 – DI
n
Logic 0
Logic 1
VIL
VIH
2
0.8
V
Input Current
DI1 – DI
n
VDI = GND
VDI = VCC
IIL
IIH
7
± 1.0
µA
Output High Voltage
Tx1 – Tx
n
VDI = Logic 0, RL = 3 kΩ
VDD = + 5.0 V, VSS = – 5.0 V
VDD = + 6.0 V, VSS = – 6.0 V
VDD = + 12.0 V, VSS = – 12.0 V
VOH
3.5
4.3
9.2
3.9
4.7
9.5
V
Output Low Voltage*
Tx1 – Tx
n
VDI = Logic 1, RL = 3 kΩ
VDD = + 5.0 V, VSS = – 5.0 V
VDD = + 6.0 V, VSS = – 6.0 V
VDD = + 12.0 V, VSS = – 12.0 V
VOL
– 4
– 4.5
– 10
– 4.3
– 5.2
– 10.3
V
Input Current
Tx1 – Tx
n
(Figure 5)
Zoff
300
Output Short Circuit Current
Tx1 – Tx
n
VDD = + 12 V, VSS = – 12 V
Tx Shorted to GND**
Tx Shorted to
± 15 V***
ISC
± 22
± 60
± 60
± 100
mA
* Voltage specifications are in terms of absolute values.
** Specification is for one Tx output pin to be shorted at a time. Should all three driver outputs be shorted simultaneously, device power dissipation
limits will be exceeded.
*** This condition could exceed package limitations.
SWITCHING CHARACTERISTICS (VCC = + 5 V, ± 10%, VDD = + 12 V, VSS = – 12 V, TA = – 40 to + 85°C; See Figures 2 and 3)
Characteristic
Symbol
Min
Typ
Max
Unit
Drivers
Propagation Delay Time Tx
Low–to–High
RL = 3 kΩ, CL = 50 pF
tPLH
500
1000
ns
High–to–Low
RL = 3 kΩ, CL = 50 pF
tPHL
700
1000
Output Slew Rate
Minimum Load
RL = 7 kΩ, CL = 0 pF (VDD = 6 to 12 V, VSS = – 6 to – 12 V)
SR
± 6
± 30
V/
µs
Maximum Load
RL = 3 kΩ, CL = 2500 pF (VDD = 12 V, VSS = – 12 V, VCC = 5 V)
4
Receivers (CL = 50 pF)
Propagation Delay Time
Low–to–High
tPLH
360
610
ns
High–to–Low
tPHL
130
610
Output Rise Time
tr
250
400
ns
Output Fall Time
tf
40
100
ns


Podobny numer części - MC145404DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
MC145404DW LANSDALE-MC145404DW Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
More results

Podobny opis - MC145404DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM202 AD-ADM202_15 Datasheet
127Kb / 6P
   CMOS RS-232 Driver/Receivers
REV. A
ADM203 AD-ADM203_15 Datasheet
127Kb / 6P
   CMOS RS-232 Driver/Receivers
REV. A
logo
Texas Instruments
SN65LVDS1_091 TI-SN65LVDS1_091 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS1 TI-SN65LVDS1 Datasheet
282Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDS1 TI-SN65LVDS1_09 Datasheet
473Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
logo
Holt Integrated Circuit...
HI-8599 HOLTIC-HI-8599_12 Datasheet
130Kb / 16P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8581 HOLTIC-HI-8581_13 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
logo
Silicon image
SII1000 SILICONIMAGE-SII1000 Datasheet
106Kb / 2P
   PanelLink Receivers
logo
Unisonic Technologies
UT3243A UTC-UT3243A Datasheet
278Kb / 10P
   DRIVERS/RECEIVERS
UT3223 UTC-UT3223_17 Datasheet
249Kb / 9P
   DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com