Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74AC352N Arkusz danych(PDF) 6 Page - Motorola, Inc

Numer części MC74AC352N
Szczegółowy opis  DUAL 4-INPUT MULTIPLEXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC352N Arkusz danych(HTML) 6 Page - Motorola, Inc

  MC74AC352N Datasheet HTML 1Page - Motorola, Inc MC74AC352N Datasheet HTML 2Page - Motorola, Inc MC74AC352N Datasheet HTML 3Page - Motorola, Inc MC74AC352N Datasheet HTML 4Page - Motorola, Inc MC74AC352N Datasheet HTML 5Page - Motorola, Inc MC74AC352N Datasheet HTML 6Page - Motorola, Inc MC74AC352N Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MC74AC352 MC74ACT352
5-6
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Sn to Zn
5.0
3.0
6.0
10.5
1.0
11.5
ns
3-6
tPLH
Sn to Zn
5.0
3.0
6.0
10.5
1.0
11.5
ns
3-6
tPHL
Propagation Delay
Sn to Zn
5.0
3.0
6.0
10.0
1.0
11.5
ns
3-6
tPHL
Sn to Zn
5.0
3.0
6.0
10.0
1.0
11.5
ns
3-6
tPLH
Propagation Delay
En to Zn
5.0
2.0
4.5
8.0
1.0
8.5
ns
3-6
tPLH
En to Zn
5.0
2.0
4.5
8.0
1.0
8.5
ns
3-6
tPHL
Propagation Delay
En to Zn
5.0
2.0
4.5
8.0
1.0
8.5
ns
3-6
tPHL
En to Zn
5.0
2.0
4.5
8.0
1.0
8.5
ns
3-6
tPLH
Propagation Delay
In to Zn
5.0
2.0
5.5
10.0
1.0
11.0
ns
3-5
tPLH
In to Zn
5.0
2.0
5.5
10.0
1.0
11.0
ns
3-5
tPHL
Propagation Delay
In to Zn
5.0
2.0
6.5
8.5
1.0
9.0
ns
3-5
tPHL
In to Zn
5.0
2.0
6.5
8.5
1.0
9.0
ns
3-5
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
50
pF
VCC = 5.0 V


Podobny numer części - MC74AC352N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74AC352 ONSEMI-MC74AC352 Datasheet
178Kb / 7P
   Dual 4?묲nput Multiplexer
June, 2006 ??Rev. 4
More results

Podobny opis - MC74AC352N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
SN54LS352 MOTOROLA-SN54LS352 Datasheet
160Kb / 5P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com