Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74ACT378 Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MC74ACT378
Szczegółowy opis  PARALLEL D REGISTER WITH ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT378 Arkusz danych(HTML) 4 Page - Motorola, Inc

  MC74ACT378 Datasheet HTML 1Page - Motorola, Inc MC74ACT378 Datasheet HTML 2Page - Motorola, Inc MC74ACT378 Datasheet HTML 3Page - Motorola, Inc MC74ACT378 Datasheet HTML 4Page - Motorola, Inc MC74ACT378 Datasheet HTML 5Page - Motorola, Inc MC74ACT378 Datasheet HTML 6Page - Motorola, Inc MC74ACT378 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC74AC378 MC74ACT378
5-4
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
fmax
Maximum Clock
3.3
125
110
MHz
3-3
fmax
Frequency
5.0
160
145
MHz
3-3
tPLH
Propagation Delay
3.3
2.5
11
2.5
12.5
ns
3-6
tPLH
CP to Qn
5.0
1.5
8.0
1.5
9.0
ns
3-6
tPHL
Propagation Delay
3.3
2.5
10.5
2.5
11
ns
3-6
tPHL
CP to Qn
5.0
1.5
7.5
1.5
8.0
ns
3-6
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
3.3
3.0
3.5
ns
3-9
ts
Dn to CP
5.0
2.0
2.5
ns
3-9
th
Hold Time, HIGH or LOW
3.3
2.0
2.0
ns
3-9
th
Dn to CP
5.0
2.0
2.0
ns
3-9
ts
Setup Time, HIGH or LOW
3.3
2.0
2.0
ns
3-9
ts
E to CP
5.0
2.0
2.0
ns
3-9
th
Hold Time, HIGH or LOW
3.3
2.0
2.0
ns
3-9
th
E to CP
5.0
2.0
2.0
ns
3-9
tw
CP Pulse Width
3.3
4.5
5.5
ns
3-6
tw
HIGH or LOW
5.0
3.5
4.0
ns
3-6
* Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.


Podobny numer części - MC74ACT378

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74ACT373 MOTOROLA-MC74ACT373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74ACT373 ONSEMI-MC74ACT373 Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
logo
Motorola, Inc
MC74ACT373D MOTOROLA-MC74ACT373D Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74ACT373DT ONSEMI-MC74ACT373DT Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74ACT373DTG ONSEMI-MC74ACT373DTG Datasheet
117Kb / 12P
   Octal Transparent Latch with 3?뭆tate Outputs
November, 2006 ??Rev. 8
More results

Podobny opis - MC74ACT378

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54AC378 NSC-54AC378 Datasheet
175Kb / 8P
   Parallel D Register with Enable
54F378DM NSC-54F378DM Datasheet
166Kb / 8P
   Parallel D Register with Enable
logo
Fairchild Semiconductor
74F378 FAIRCHILD-74F378 Datasheet
56Kb / 6P
   Parallel D-Type Register with Enable
logo
STMicroelectronics
T74LS378 STMICROELECTRONICS-T74LS378 Datasheet
344Kb / 4P
   Hex Parallel D register with enable
logo
Texas Instruments
54F378 TI1-54F378 Datasheet
416Kb / 10P
[Old version datasheet]   54F378 74F378 Parallel D Register with Enable
logo
National Semiconductor ...
54LS379 NSC-54LS379 Datasheet
154Kb / 6P
   Quad Parallel Register with Enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379 Datasheet
56Kb / 6P
   Quad Parallel Register with Enable
logo
STMicroelectronics
T74LS379 STMICROELECTRONICS-T74LS379 Datasheet
325Kb / 4P
   Quad parallel register with enable
logo
Fairchild Semiconductor
74F379 FAIRCHILD-74F379_00 Datasheet
78Kb / 7P
   Quad Parallel Register with Enable
logo
National Semiconductor ...
54F379DM NSC-54F379DM Datasheet
166Kb / 8P
   Quad Parallel Register with Enable
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com