Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74ACT534 Arkusz danych(PDF) 6 Page - Motorola, Inc

Numer części MC74ACT534
Szczegółowy opis  OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74ACT534 Arkusz danych(HTML) 6 Page - Motorola, Inc

  MC74ACT534 Datasheet HTML 1Page - Motorola, Inc MC74ACT534 Datasheet HTML 2Page - Motorola, Inc MC74ACT534 Datasheet HTML 3Page - Motorola, Inc MC74ACT534 Datasheet HTML 4Page - Motorola, Inc MC74ACT534 Datasheet HTML 5Page - Motorola, Inc MC74ACT534 Datasheet HTML 6Page - Motorola, Inc MC74ACT534 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MC74AC534 MC74ACT534
5-6
FACT DATA
AC CHARACTERISTICS (For Figures and Waveforms — See Section 3)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
fmax
Maximum Clock
Frequency
5.0
100
120
MHz
3-3
fmax
Frequency
5.0
100
120
MHz
3-3
tPLH
Propagation Delay
CP to On
5.0
2.5
6.5
11.5
2.0
12.5
ns
3-6
tPLH
CP to On
5.0
2.5
6.5
11.5
2.0
12.5
ns
3-6
tPHL
Propagation Delay
CP to On
5.0
2.0
6.0
10.5
2.0
12
ns
3-6
tPHL
CP to On
5.0
2.0
6.0
10.5
2.0
12
ns
3-6
tPZH
Output Enable Time
OE to On
5.0
2.5
6.5
12
2.0
12.5
ns
3-7
tPZH
OE to On
5.0
2.5
6.5
12
2.0
12.5
ns
3-7
tPZL
Output Enable Time
OE to On
5.0
2.0
6.0
11
2.0
11.5
ns
3-8
tPZL
OE to On
5.0
2.0
6.0
11
2.0
11.5
ns
3-8
tPHZ
Output Disable Time
OE to On
5.0
1.5
7.0
12.5
1.0
13.5
ns
3-7
tPHZ
OE to On
5.0
1.5
7.0
12.5
1.0
13.5
ns
3-7
tPLZ
Output Disable Time
OE to On
5.0
1.5
5.5
10.5
1.0
10.5
ns
3-8
tPLZ
OE to On
5.0
1.5
5.5
10.5
1.0
10.5
ns
3-8
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
AC OPERATING REQUIREMENTS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Typ
Guaranteed Minimum
ts
Setup Time, HIGH or LOW
Dn to CP
5.0
1.0
3.5
4.0
ns
3-9
ts
Dn to CP
5.0
1.0
3.5
4.0
ns
3-9
th
Hold Time, HIGH or LOW
Dn to CP
5.0
–1.0
1.0
1.5
ns
3-9
th
Dn to CP
5.0
–1.0
1.0
1.5
ns
3-9
tw
CP Pulse Width
HIGH or LOW
5.0
2.0
3.5
3.5
ns
3-6
tw
HIGH or LOW
5.0
2.0
3.5
3.5
ns
3-6
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
40
pF
VCC = 5.0 V


Podobny numer części - MC74ACT534

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74ACT533 MOTOROLA-MC74ACT533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
MC74ACT533DW MOTOROLA-MC74ACT533DW Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
MC74ACT533N MOTOROLA-MC74ACT533N Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results

Podobny opis - MC74ACT534

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com