Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1907 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części UC1907
Szczegółowy opis  LOAD SHARE CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC1907 Arkusz danych(HTML) 6 Page - Texas Instruments

  UC1907 Datasheet HTML 1Page - Texas Instruments UC1907 Datasheet HTML 2Page - Texas Instruments UC1907 Datasheet HTML 3Page - Texas Instruments UC1907 Datasheet HTML 4Page - Texas Instruments UC1907 Datasheet HTML 5Page - Texas Instruments UC1907 Datasheet HTML 6Page - Texas Instruments UC1907 Datasheet HTML 7Page - Texas Instruments UC1907 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UC1907, UC2907, UC3907
LOAD SHARE CONTROLLER
SLUS165C – MARCH 1999 - REVISED JANUARY 2002
6
www.ti.com
pin assignments
Adjust Amplifier: (Pins 13, 14, 15) This amplifier adjusts the individual module’s reference voltage to maintain
equal-current sharing. It is a transconductance type in order that its bandwidth may be limited and noise kept out of
the reference-adjust circuitry, with a simple capacitor to ground. The function of this amplifier is to compare its own
module-output current to the share-bus signal, which represents the highest output current. This will force an adjust
command which is capable of increasing the reference voltage as seen by the voltage amplifier by as much as 100
mV. This number stems from the 17.5:1 internal resistor ratio between the adjust amplifier’s clamped output and the
reference, and represents a 5% total range of adjustment. This value should be adequate to compensate for
unit-to-unit reference and external-resistor tolerances. The adjust amplifier has a built-in 50-mV offset on its inverting
input which will force the unit acting as the master to have a low output, resulting in no change to the reference. While
this 50-mV offset represents an error in current sharing, the gain of the current amplifier reduces it to only 2.5 mV
across the current-sense resistor. It should also be noted that when the module is acting independently with no
connection to the share bus node, or when the share bus node is shorted to ground, its reference voltage will be
unchanged. Since only the circuit acting as a master will have a low output from the adjust amplifier, this signal is used
to activate a flag output to identify the master, should some corrective action be needed.
Status Indicate: (Pin 16) This pin is an open-collector output intended to indicate the unit which is acting as the
master. It achieves this by sensing when the adjust amp is in its low state and pulling the status-indicate pin low.
additional information
Please refer to additional application information.
1.
By Mark Jordan, UC3907 Load Share IC Simplifies Parallel Power Supply Design, TI Literature Number
SLUA147.
2.
By Laszlo Balogh, UC3902 Load Share Controller and its Performance in Distributed Power Systems, TI
Literature Number SLUA128.
UDG-94103
Figure 1. Load System Diagram


Podobny numer części - UC1907

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1907J TI1-UC1907J Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC1907J883B TI1-UC1907J883B Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC1907L TI1-UC1907L Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC1907L883B TI1-UC1907L883B Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
More results

Podobny opis - UC1907

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1902 TI-UC1902 Datasheet
147Kb / 6P
[Old version datasheet]   Load Share Controller
UC3902D TI1-UC3902D Datasheet
305Kb / 10P
[Old version datasheet]   LOAD SHARE CONTROLLER
UC3907N TI1-UC3907N Datasheet
357Kb / 12P
[Old version datasheet]   LOAD SHARE CONTROLLER
logo
Linear Technology
LTC4350 LINER-LTC4350 Datasheet
186Kb / 16P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_15 Datasheet
245Kb / 18P
   Hot Swappable Load Share Controller
LTC4350 LINER-LTC4350_1 Datasheet
241Kb / 18P
   Hot Swappable Load Share Controller
logo
Texas Instruments
UCC29002DR TI-UCC29002DR Datasheet
1Mb / 28P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC39002DR TI1-UCC39002DR Datasheet
1,023Kb / 27P
[Old version datasheet]   ADVANCED 8-PIN LOAD-SHARE CONTROLLER
UCC29002 TI1-UCC29002_16 Datasheet
1Mb / 30P
[Old version datasheet]   Advanced 8-Pin Load-Share Controller
logo
STMicroelectronics
L6615 STMICROELECTRONICS-L6615 Datasheet
392Kb / 20P
   HIGH/LOW SIDE LOAD SHARE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com