Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL072I Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części TL072I
Szczegółowy opis  LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL072I Arkusz danych(HTML) 1 Page - STMicroelectronics

  TL072I Datasheet HTML 1Page - STMicroelectronics TL072I Datasheet HTML 2Page - STMicroelectronics TL072I Datasheet HTML 3Page - STMicroelectronics TL072I Datasheet HTML 4Page - STMicroelectronics TL072I Datasheet HTML 5Page - STMicroelectronics TL072I Datasheet HTML 6Page - STMicroelectronics TL072I Datasheet HTML 7Page - STMicroelectronics TL072I Datasheet HTML 8Page - STMicroelectronics TL072I Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
®
.
WIDE COMMON-MODE (UP TO VCC
+)AND
DIFFERENTIAL VOLTAGE RANGE
.
LOW INPUT BIAS AND OFFSET CURRENT
.
LOW NOISE en = 15nV/
√Hz (typ)
.
OUTPUT SHORT-CIRCUIT PROTECTION
.
HIGH INPUT IMPEDANCE J–FET INPUT
STAGE
.
LOW HARMONIC DISTORTION : 0.01% (typ)
.
INTERNAL FREQUENCY COMPENSATION
.
LATCH UP FREE OPERATION
.
HIGH SLEW RATE : 16V/
µs (typ)
N
DIP8
(Plastic Package)
1
2
3
45
6
7
8
-
+
-
+
1 - Output 1
2 - Inverting input 1
3 - Non-inverting input 1
4- VCC
-
5 - Non-inverting input 2
6 - Inverting input 2
7 - Output 2
8- VCC
+
PIN CONNECTIONS (top view)
DESCRIPTION
The TL072, TL072A and TL072B are high speed
J–FET input dual operational amplifiers incorporating
well matched, high voltage J–FET and bipolar transis-
tors in a monolithic integrated circuit.
The devices featurehigh slew rates, low input bias and
offset current, and low offset voltage temperature
coefficient.
TL072
TL072A - TL072B
December 1998
D
SO8
(Plastic Micropackage)
ORDER CODES
Part Number
Temperature
Range
Package
ND
TL072M/AM/BM
–55
oC, +125oC
••
TL072I/AI/BI
–40
oC, +105oC
••
TL072C/AC/BC
0
oC, +70oC
••
Example : TL072CN
1/9


Podobny numer części - TL072I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL072I TI-TL072I Datasheet
220Kb / 14P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072ID TI1-TL072ID Datasheet
2Mb / 51P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL072ID TI-TL072ID Datasheet
903Kb / 36P
[Old version datasheet]   LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS
TL072ID TI1-TL072ID Datasheet
2Mb / 68P
[Old version datasheet]   Low-Noise JFET-Input Operational Amplifiers
TL072ID TI-TL072ID Datasheet
487Kb / 15P
[Old version datasheet]   LOW NOISE JFET INPUT OPERATIONAL AMPLIFIERS
More results

Podobny opis - TL072I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TL072 STMICROELECTRONICS-TL072_07 Datasheet
305Kb / 16P
   Low noise J-FET dual operational amplifiers
logo
Leshan Radio Company
LR072 LRC-LR072 Datasheet
862Kb / 6P
   LOW NOISE J-FET DUAL OPERATIONAL AMPLIFIERS
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
   DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
M5240P MITSUBISHI-M5240P Datasheet
347Kb / 6P
   DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
New Japan Radio
NJM072C NJRC-NJM072C Datasheet
1Mb / 21P
   LOW NOISE, J-FET INPUT OPERATIONAL AMPLIFIERS
Ver.5.0
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071 Datasheet
90Kb / 9P
   LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
December 1998
logo
Leshan Radio Company
LR074 LRC-LR074 Datasheet
991Kb / 5P
   LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_01 Datasheet
290Kb / 10P
   LOW NOISE J-FET SINGLE OPERATIONAL AMPLIFIERS
TL074 STMICROELECTRONICS-TL074 Datasheet
108Kb / 11P
   LOW NOISE J-FET QUAD OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL072 INTEGRAL-IL072 Datasheet
578Kb / 7P
   Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com