Zakładka z wyszukiwarką danych komponentów |
|
TL072BMN Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
TL072BMN Arkusz danych(HTML) 2 Page - STMicroelectronics |
2 / 9 page ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCC Supply Voltage - (note 1) ±18 V Vi Input Voltage - (note 3) ±15 V Vid Differential Input Voltage - (note 2) ±30 V Ptot Power Dissipation 680 mW Output Short-circuit Duration - (note 4) Infinite Toper Operating Free Air Temperature Range TL072C,AC,BC TL072I,AI,BI TL072M,AM,BM 0to 70 –40 to 105 –55 to 125 oC Tstg Storage Temperature Range –65 to 150 oC Notes : 1. All voltage values, except differential voltage, are with respect to the zero reference level (ground) of the supply voltages where the zero reference level is the midpoint between VCC + and VCC–. 2. Differential voltages are at the non-inverting input terminal with respect to the inverting input terminal. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 volts, whichever is less. 4. The output may be shorted to ground or to either supply. Temperature and /or supply voltages must be limited to ensure that the dissipation rating is not exceeded. Output No n- inver t ing input Inver t ing input V CC V CC 20 0Ω Ω 10 0 Ω 10 0 1.3k 1/2 T L072 30k 35k 35k Ω 10 0 1.3k 8.2k SCHEMATIC DIAGRAM TL072 - TL072A - TL072B 2/9 |
Podobny numer części - TL072BMN |
|
Podobny opis - TL072BMN |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |