Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4015BF Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4015BF
Szczegółowy opis  CMOS Dual 4-Stage Static Shift Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD4015BF Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button CD4015BF Datasheet HTML 3Page - Texas Instruments CD4015BF Datasheet HTML 4Page - Texas Instruments CD4015BF Datasheet HTML 5Page - Texas Instruments CD4015BF Datasheet HTML 6Page - Texas Instruments CD4015BF Datasheet HTML 7Page - Texas Instruments CD4015BF Datasheet HTML 8Page - Texas Instruments CD4015BF Datasheet HTML 9Page - Texas Instruments CD4015BF Datasheet HTML 10Page - Texas Instruments CD4015BF Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Podobny numer części - CD4015BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4015BF TI1-CD4015BF Datasheet
884Kb / 15P
[Old version datasheet]   CMOS Dual 4-stage Static Shift Register
CD4015BF3A TI1-CD4015BF3A Datasheet
884Kb / 15P
[Old version datasheet]   CMOS Dual 4-stage Static Shift Register
More results

Podobny opis - CD4015BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
   CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
UCD4015 UTC-UCD4015_15 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015 UTC-UCD4015 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B_15 Datasheet
229Kb / 8P
   CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI1-CD4015B_15 Datasheet
884Kb / 15P
[Old version datasheet]   CMOS Dual 4-stage Static Shift Register
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
   Dual 4-Stage Static Shift Register
logo
System Logic Semiconduc...
SL4015B SLS-SL4015B Datasheet
39Kb / 5P
   Dual 4-Stage Static Shift Register
logo
Intersil Corporation
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
   CMOS Dual 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4517B TI-CD4517B Datasheet
245Kb / 6P
[Old version datasheet]   CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com