Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHCT16245A Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części 74VHCT16245A
Szczegółowy opis  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT16245A Arkusz danych(HTML) 4 Page - STMicroelectronics

  74VHCT16245A Datasheet HTML 1Page - STMicroelectronics 74VHCT16245A Datasheet HTML 2Page - STMicroelectronics 74VHCT16245A Datasheet HTML 3Page - STMicroelectronics 74VHCT16245A Datasheet HTML 4Page - STMicroelectronics 74VHCT16245A Datasheet HTML 5Page - STMicroelectronics 74VHCT16245A Datasheet HTML 6Page - STMicroelectronics 74VHCT16245A Datasheet HTML 7Page - STMicroelectronics 74VHCT16245A Datasheet HTML 8Page - STMicroelectronics 74VHCT16245A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74VCHT16245A
4/10
DC SPECIFICATIONS
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3ns)
(*) Voltage range is 5.0V
± 0.5V
Note 1: Parameter guaranteed by design. tsoLH =|tpLHm -tpLHn|, tsoHL =|tpHLm -tpHLn|
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
4.5 to
5.5
22
2
V
VIL
Low Level Input
Voltage
4.5 to
5.5
0.8
0.8
0.8
V
VOH
High Level Output
Voltage
4.5
IO=-50 µA
4.4
4.5
4.4
4.4
V
4.5
IO=-8 mA
3.94
3.8
3.7
VOL
Low Level Output
Voltage
4.5
IO=50 µA
0.0
0.1
0.1
0.1
V
4.5
IO=8 mA
0.36
0.44
0.55
Ioz
High Impedance
Output Leakage
Current
5.5
VI =VIH or VIL
VO =0Vto5.5V
±0.25
± 2.5
± 2.5
µA
II
Input Leakage
Current
0to
5.5
VI = 5.5V or GND
± 0.1
± 1.0
± 1.0
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
440
40
µA
+ICC
Additional Worst
Case Supply
Current
5.5
One Input at 3.4V,
other input at VCC
or GND
1.35
1.5
1.5
mA
IOPD
Output Leakage
Current
0
VOUT =5.5V
0.5
5.0
5.0
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC (*)
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
5.0
15
4.5
7.5
1.0
8.5
1.0
10.0
ns
5.0
50
5.3
8.7
1.0
9.5
1.0
11.0
tPZL
tPZH
Output Enable
Time
5.0
15
RL = 1K
9.0
13.8
1.0
15.0
1.0
16.0
ns
5.0
50
9.7
14.8
1.0
16.0
1.0
17.0
tPLZ
tPHZ
Output Disable
Time
5.0
50
RL = 1K
10.0
15.4
1.0
16.5
1.0
17.5
ns
tOSLH
tOSHL
Output to Output
Skew Time (note 1)
5.0
50
1.0
1.0
1.0
ns


Podobny numer części - 74VHCT16245A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74VHCT16240A STMICROELECTRONICS-74VHCT16240A Datasheet
151Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
74VHCT16240ATTR STMICROELECTRONICS-74VHCT16240ATTR Datasheet
151Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74VHCT16244A STMICROELECTRONICS-74VHCT16244A Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74VHCT16244ATTR STMICROELECTRONICS-74VHCT16244ATTR Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
More results

Podobny opis - 74VHCT16245A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74AC16245 STMICROELECTRONICS-74AC16245 Datasheet
249Kb / 9P
   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16245 STMICROELECTRONICS-74ACT16245 Datasheet
250Kb / 9P
   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
74AC16541 STMICROELECTRONICS-74AC16541 Datasheet
233Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16244 STMICROELECTRONICS-74ACT16244_03 Datasheet
217Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74VHC16244 STMICROELECTRONICS-74VHC16244 Datasheet
148Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16244 STMICROELECTRONICS-74ACT16244 Datasheet
62Kb / 8P
   16-BIT BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
February 2000
74AC16244 STMICROELECTRONICS-74AC16244 Datasheet
186Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16541 STMICROELECTRONICS-74ACT16541 Datasheet
249Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74AC245 STMICROELECTRONICS-74AC245 Datasheet
265Kb / 9P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com