Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHCT16245A Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części 74VHCT16245A
Szczegółowy opis  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHCT16245A Arkusz danych(HTML) 5 Page - STMicroelectronics

  74VHCT16245A Datasheet HTML 1Page - STMicroelectronics 74VHCT16245A Datasheet HTML 2Page - STMicroelectronics 74VHCT16245A Datasheet HTML 3Page - STMicroelectronics 74VHCT16245A Datasheet HTML 4Page - STMicroelectronics 74VHCT16245A Datasheet HTML 5Page - STMicroelectronics 74VHCT16245A Datasheet HTML 6Page - STMicroelectronics 74VHCT16245A Datasheet HTML 7Page - STMicroelectronics 74VHCT16245A Datasheet HTML 8Page - STMicroelectronics 74VHCT16245A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74VCHT16245A
5/10
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/8 (per circuit)
DYNAMIC SWITCHING CHARACTERISTICS
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.0V, (n-1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.0V. Inputs under test switching: 3.0V to threshold (VILD), 0V to threshold
(VIHD), f=1MHz.
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
610
10
10
pF
CI/O
Bus Input
Capacitance
8pF
CPD
Power Dissipation
Capacitance
(note 1)
18
pF
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic Low
Voltage Quiet
Output (note 1, 2)
5.0
CL =50 pF
0.6
0.9
V
VOLV
-0.9
-0.6
VIHD
Dynamic High
Voltage Input
(note 1, 3)
5.0
2.0
VILD
Dynamic Low
Voltage Input
(note 1, 3)
5.0
0.8


Podobny numer części - 74VHCT16245A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74VHCT16240A STMICROELECTRONICS-74VHCT16240A Datasheet
151Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
74VHCT16240ATTR STMICROELECTRONICS-74VHCT16240ATTR Datasheet
151Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74VHCT16244A STMICROELECTRONICS-74VHCT16244A Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74VHCT16244ATTR STMICROELECTRONICS-74VHCT16244ATTR Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
More results

Podobny opis - 74VHCT16245A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74AC16245 STMICROELECTRONICS-74AC16245 Datasheet
249Kb / 9P
   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16245 STMICROELECTRONICS-74ACT16245 Datasheet
250Kb / 9P
   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
74AC16541 STMICROELECTRONICS-74AC16541 Datasheet
233Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16244 STMICROELECTRONICS-74ACT16244_03 Datasheet
217Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74VHC16244 STMICROELECTRONICS-74VHC16244 Datasheet
148Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16244 STMICROELECTRONICS-74ACT16244 Datasheet
62Kb / 8P
   16-BIT BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
February 2000
74AC16244 STMICROELECTRONICS-74AC16244 Datasheet
186Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16541 STMICROELECTRONICS-74ACT16541 Datasheet
249Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74AC245 STMICROELECTRONICS-74AC245 Datasheet
265Kb / 9P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com