Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5390BST-3 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD5390BST-3
Szczegółowy opis  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5390BST-3 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD5390BST-3 Datasheet HTML 2Page - Analog Devices AD5390BST-3 Datasheet HTML 3Page - Analog Devices AD5390BST-3 Datasheet HTML 4Page - Analog Devices AD5390BST-3 Datasheet HTML 5Page - Analog Devices AD5390BST-3 Datasheet HTML 6Page - Analog Devices AD5390BST-3 Datasheet HTML 7Page - Analog Devices AD5390BST-3 Datasheet HTML 8Page - Analog Devices AD5390BST-3 Datasheet HTML 9Page - Analog Devices AD5390BST-3 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD5378
Rev. PrA | Page 6 of 28
TIMING CHARACTERISTICS
SERIAL INTERFACE
VCC = 2.7 V to 5.5 V; VDD = 11.4 V to 16.5 V; VSS = −11.4 V to −16.5 V; VREF(+) = +5 V; VREF(−) = −3.5 V;
AGND = DGND = REFGND = 0 V; VBIAS = 5 V, FIFOEN = 0 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 5.
Parameter1, ,
2 3
Limit at TMIN, TMAX
Unit
Description
t1
20
ns min
SCLK Cycle Time.
t2
8
ns min
SCLK High Time.
t3
8
ns min
SCLK Low Time.
t4
10
ns min
SYNC Falling Edge to SCLK Falling Edge Setup Time.
t54
15
ns min
24th SCLK Falling Edge to SYNC Falling Edge.
t64
25
ns min
Minimum SYNC Low Time.
t7
10
ns min
Minimum SYNC High Time.
t8
5
ns min
Data Setup Time.
t9
4.5
ns min
Data Hold Time.
t104, 5
30
ns max
24th SCLK Falling Edge to BUSY Falling Edge.
t11
330
ns max
BUSY Pulse Width Low (Single-Channel Update). See Table 11.
t124
20
ns min
24th SCLK Falling Edge to LDAC Falling Edge.
t13
20
ns min
LDAC Pulse Width Low.
t14
150
ns typ
BUSY Rising Edge to DAC Output Response Time.
t15
0
ns min
BUSY Rising Edge to LDAC Falling Edge.
t16
100
ns min
LDAC Falling Edge to DAC Output Response Time.
t17
20/30
µs typ/max
DAC Output Settling Time.
t18
10
ns min
CLR Pulse Width Low.
t19
350
ns max
CLR/RESET Pulse Activation Time.
t206, 7
25
ns max
SCLK Rising Edge to SDO Valid.
t217
5
ns min
SCLK Falling Edge to SYNC Rising Edge.
t227
5
ns min
SYNC Rising Edge to SCLK Rising Edge.
t237
20
ns min
SYNC Rising Edge to LDAC Falling Edge.
t245
30
ns min
SYNC Rising Edge to BUSY Falling Edge.
t25
10
ns min
RESET Pulse Width Low.
t26
120
µs max
RESET Time Indicated by BUSY
Low.
1 Guaranteed by design and characterization; not production tested.
2 All input signals are specified with tr = tf = 2 ns (10% to 90% of VCC) and timed from a voltage level of 1.2 V.
3 See
and
.
Figure 4
Figure 5
4 Standalone mode only.
5 This is measured with the load circuit of
.
Figure 2
6 This is measured with the load circuit of
.
Figure 3
7 Daisy-chain mode only.
TO
OUTPUT
PIN
VCC
VOL
CL
50pF
RL
2.2k
Figure 2. Load Circuit for BUSY Timing Diagram
2
VOH(min) + VOL(max)
200
µA
200
µA
IOL
IOH
CL
50pF
TO
OUTPUT
PIN
Figure 3. Load Circuit for SDO Timing Diagram
(Serial Interface, Daisy-Chain Mode)


Podobny numer części - AD5390BST-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5390BST-3 AD-AD5390BST-3 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
AD5390BST-3 AD-AD5390BST-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5390BST-3-REEL AD-AD5390BST-3-REEL Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
REV. A
More results

Podobny opis - AD5390BST-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5378 AD-AD5378_15 Datasheet
582Kb / 29P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
REV. A
AD5379 AD-AD5379_15 Datasheet
630Kb / 29P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. B
AD5379 AD-AD5379 Datasheet
393Kb / 28P
   40-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage-Output DAC
REV. 0
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5371 AD-AD5371 Datasheet
300Kb / 25P
   40-Channel, 14-Bit Serial Input, Voltage-Output DAC
Rev. PrF
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
AD7841ASZ AD-AD7841ASZ Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD7841 AD-AD7841_15 Datasheet
442Kb / 13P
   Octal 14-Bit, Parallel Input, Voltage-Output DAC
REV. B
AD5532 AD-AD5532_15 Datasheet
394Kb / 20P
   32-Channel, 14-Bit Voltage-Output DAC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com