Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M74HC174RM13TR Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części M74HC174RM13TR
Szczegółowy opis  HEX D-TYPE FLIP FLOP WITH CLEAR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC174RM13TR Arkusz danych(HTML) 2 Page - STMicroelectronics

  M74HC174RM13TR Datasheet HTML 1Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 2Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC174RM13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HC174
2/11
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
LOGIC DIAGRAM
This logic diagram has not to be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1
CLEAR
Asynchronous Master
Reset (Active Low)
2, 5, 7, 10,
12, 15
Q0 to Q5
Flip-Flop Outputs
3, 4, 6, 11,
13, 14
D0 to D5
Data Inputs
9
CLOCK
Clock Input (LOW to
HIGH, edge triggered)
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
INPUTS
OUTPUTS
FUNCTION
CLEAR
DCK
Q
L
X
X
L
CLEAR
HL
L
HH
H
H
X
Qn
NO CHANGE


Podobny numer części - M74HC174RM13TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC174 STMICROELECTRONICS-M74HC174 Datasheet
246Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174B1R STMICROELECTRONICS-M74HC174B1R Datasheet
246Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174C1R STMICROELECTRONICS-M74HC174C1R Datasheet
246Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M74HC174M1R STMICROELECTRONICS-M74HC174M1R Datasheet
246Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results

Podobny opis - M74HC174RM13TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
   Hex D-Type Flip Flop with Clear
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
   HEX D TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
   HEX D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
   Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
   Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74LVQ174 STMICROELECTRONICS-74LVQ174_04 Datasheet
299Kb / 13P
   HEX D-TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com