Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA000B3U Arkusz danych(PDF) 2 Page - CTS Corporation

Numer części LA000B3U
Szczegółowy opis  METAL CASE, CASE-MOUNTED SEMICONDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTS [CTS Corporation]
Strona internetowa  http://www.ctscorp.com
Logo CTS - CTS Corporation

LA000B3U Arkusz danych(HTML) 2 Page - CTS Corporation

  LA000B3U Datasheet HTML 1Page - CTS Corporation LA000B3U Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
CTS IERC PART NO.
Unplated
Comm'l. Black
Anodize
Mil. Black
Anodize
Semiconductor
Accommodated
Hole patt. ref.
no.
Max. Weight
(Grams)
LA000B3U
LAT03B3U
LAIC3B3U
LA407B3U
LA394B3U
LA000B3CB
LAT03B3CB
LAIC3B3CB
LA407B3CB
LA394B3CB
LA000B3B
LAT03B3B
LAIC3B3B
LA407B3B
LA394B3B
Undrilled
TO-3
TO-3 IC
TO-3 (4-pin)
Universal
--
2
4
5
8
10.8
10.8
10.8
10.8
10.8
HOLE PATTERNS
2. Hole Pattern no. 236 accommodates TO-3s. Available in LA-
B series heat dissipators only.
4. Hole pattern no. 237 accommodates To-3 ICs. Available in
LA-B series heat dissipators only.
5. Hole pattern no. 407 accommodates TO-3s (4-pin). Available
in LA-B series heat dissipators only.
8. Hole pattern no. 394 (universal) accommodates TO-3s, TO-
66s, TO-126s, TO-127s, or T)-220s. Available in LA-B series
heat dissipators only.
CTS IERC, Heat Sinks and Thermal Management Solutions
413 North Moss Street, Burbank, California 91502
Tel: (818) 842-7277
Fax: (818) 848-8872
Rev. 08-29-03


Podobny numer części - LA000B3U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CTS Corporation
LA000B4B CTS-LA000B4B Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA000B4CB CTS-LA000B4CB Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA000B4U CTS-LA000B4U Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
More results

Podobny opis - LA000B3U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CTS Corporation
HP3 CTS-HP3 Datasheet
430Kb / 6P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-B4 CTS-LA-B4 Datasheet
300Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B1 CTS-LB66B1 Datasheet
196Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A2 CTS-LA-A2 Datasheet
151Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA363B5 CTS-LA363B5 Datasheet
155Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LA-A1 CTS-LA-A1 Datasheet
87Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
HP1 CTS-HP1 Datasheet
541Kb / 7P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
LB66B2 CTS-LB66B2 Datasheet
171Kb / 2P
   METAL CASE, CASE-MOUNTED SEMICONDUCTORS
logo
List of Unclassifed Man...
LBE66B1CB ETC2-LBE66B1CB Datasheet
366Kb / 1P
   HEAT DISSIPATORS FOR PLASTIC CASE, CASE-MOUNTED SEMICONDUCTORS
logo
Vishay Siliconix
VS-ST300C VISHAY-VS-ST300C Datasheet
252Kb / 8P
   Metal case with ceramic insulator
Revision: 25-Nov-13
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com