Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL16C752B-EP Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części TL16C752B-EP
Szczegółowy opis  3.3-V DUAL UART WITH 64-BYTE FIFO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL16C752B-EP Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TL16C752B-EP Datasheet HTML 5Page - Texas Instruments TL16C752B-EP Datasheet HTML 6Page - Texas Instruments TL16C752B-EP Datasheet HTML 7Page - Texas Instruments TL16C752B-EP Datasheet HTML 8Page - Texas Instruments TL16C752B-EP Datasheet HTML 9Page - Texas Instruments TL16C752B-EP Datasheet HTML 10Page - Texas Instruments TL16C752B-EP Datasheet HTML 11Page - Texas Instruments TL16C752B-EP Datasheet HTML 12Page - Texas Instruments TL16C752B-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
TL16C752B-EP
3.3-V DUAL UART WITH 64-BYTE FIFO
SGLS153 – FEBRUARY 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional description (continued)
software flow control example
Assumptions: UART1 is transmitting a large text file to UART2. Both UARTs are using software flow control with
single character Xoff (0F) and Xon (0D) tokens. Both have Xoff threshold (TCR [3:0]=F) set to 60 and Xon
threshold (TCR[7:4]=8) set to 32. Both have the interrupt receive threshold (TLR[7:4]=D) set to 52.
UART1 begins transmission and sends 52 characters, at which point UART2 generates an interrupt to its
processor to service the RCV FIFO, but assume the interrupt latency is fairly long. UART1 continues sending
characters until a total of 60 characters have been sent. At this time UART2 transmits a 0F to UART1, informing
UART1 to halt transmission. UART1 likely sends the 61st character, while UART2 is sending the Xoff character.
UART2 is serviced and the processor reads enough data out of the RCV FIFO that the level drops to 32. UART2
now sends a 0D to UART1, informing UART1 to resume transmission.
reset
Table 2 summarizes the state of registers after reset.
Table 2. Register Reset Functions
REGISTER
RESET
CONTROL
RESET STATE
Interrupt enable register
RESET
All bits cleared
Interrupt identification register
RESET
Bit 0 is set. All other bits cleared.
FIFO control register
RESET
All bits cleared
Line control register
RESET
Reset to 00011101 (1D hex).
Modem control register
RESET
All bits cleared
Line status register
RESET
Bits 5 and 6 set. All other bits cleared.
Modem status register
RESET
Bits 0 – 3 cleared. Bits 4 – 7 input signals.
Enhanced feature register
RESET
All bits cleared
Receiver holding register
RESET
Pointer logic cleared
Transmitter holding register
RESET
Pointer logic cleared
Transmission control register
RESET
All bits cleared
Trigger level register
RESET
All bits cleared
NOTE: Registers DLL, DLH, SPR, Xon1, Xon2, Xoff1, Xoff2 are not reset by the top-level reset signal
RESET, i.e., they hold their initialization values during reset.
Table 3 summarizes the state of registers after reset.
Table 3. Signal Reset Functions
SIGNAL
RESET
CONTROL
RESET STATE
TX
RESET
High
RTS
RESET
High
DTR
RESET
High
RXRDY
RESET
High
TXRDY
RESET
Low
interrupts
The TL16C752B-EP has interrupt generation and prioritization (6 prioritized levels of interrupts) capability. The
interrupt enable register (IER) enables each of the 6 types of interrupts and the INT signal in response to an
interrupt generation. The IER can also disable the interrupt system by clearing bits 0–3, 5–7. When an interrupt
is generated, the IIR indicates that an interrupt is pending and provides the type of interrupt through IIR[5–0].
Table 4 summarizes the interrupt control functions.


Podobny numer części - TL16C752B-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16C752B-EP TI1-TL16C752B-EP Datasheet
589Kb / 40P
[Old version datasheet]   3.3 V DUAL UART WITH 64-BYTE FIFO
More results

Podobny opis - TL16C752B-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752BLPTREP TI1-TL16C752BLPTREP Datasheet
589Kb / 40P
[Old version datasheet]   3.3 V DUAL UART WITH 64-BYTE FIFO
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752D TI1-TL16C752D Datasheet
1Mb / 56P
[Old version datasheet]   TL16C752D Dual UART With 64-Byte FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com