Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1276AFG Arkusz danych(PDF) 7 Page - Toshiba Semiconductor

Numer części TA1276AFG
Szczegółowy opis  PAL/NTSC Video Chroma And Deflection IC For CTV
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1276AFG Arkusz danych(HTML) 7 Page - Toshiba Semiconductor

Back Button TA1276AFG Datasheet HTML 3Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 4Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 5Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 6Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 7Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 8Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 9Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 10Page - Toshiba Semiconductor TA1276AFG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 83 page
background image
TA1276AFG
2002-04-01
7
Pin
No.
Pin Name
Function
Interface Circuit
Input/Output
Signal
29
VP output
Outputs the vertical pulse.
This pin also serves as the
external blanking input.
When current stronger
than
350
µA flows, blanking
takes place due to the
internal blanking and OR
logic circuit.
30
NC
None connect PIN.
These pins connect to
GND.
31
32
G S/H
B S/H
These pins are to be
connected with a capacitor
for sampling and holding a
bais voltage in the AKB
operation, of for clamping
to set DC voltage of RGB
outputs in the no-AKB
mode.
DC
33
NC
None connect PIN.
These pins connect to
GND.
34
SCL
The SCL pin of I
2
C bus.
35
SDA
The SDA pin of I
2
C bus.
36
NC
None connect PIN.
These pins connect to
GND.
42
29
200
5 k
0 V
5 V
17
500
31
32
74
1 k
AKB
or
Clamp
5 k
R/G/B
Soft
AKB
(bus)
42
34
20 k
SDA
42
35
50
Ω 20 kΩ
SDA
ACK


Podobny numer części - TA1276AFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Podobny opis - TA1276AFG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
logo
Mitsubishi Electric Sem...
M51391ASP MITSUBISHI-M51391ASP Datasheet
985Kb / 13P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52039SP MITSUBISHI-M52039SP Datasheet
1Mb / 22P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52025SP MITSUBISHI-M52025SP Datasheet
994Kb / 18P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M51390ASP MITSUBISHI-M51390ASP Datasheet
1,010Kb / 14P
   PAL/NTSC VIDEO CHROMA DEFLECTION
M52016SP MITSUBISHI-M52016SP Datasheet
1Mb / 13P
   PAL/ NTSC VIDEO CHROMA DEFLECTION
M52778SP MITSUBISHI-M52778SP Datasheet
310Kb / 37P
   VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
logo
Renesas Technology Corp
M52778SP RENESAS-M52778SP Datasheet
14Mb / 38P
   VIF,SIF,VIDEO,CHROMA,DEFLECTION FOR PAL/NTSC
logo
Mitsubishi Electric Sem...
M52779SP MITSUBISHI-M52779SP Datasheet
311Kb / 37P
   VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
logo
Toshiba Semiconductor
TA1252AN TOSHIBA-TA1252AN Datasheet
365Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com