Zakładka z wyszukiwarką danych komponentów |
|
AD9212-65EBZ Arkusz danych(PDF) 9 Page - Analog Devices |
|
AD9212-65EBZ Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 56 page AD9212 Rev. 0 | Page 9 of 56 ABSOLUTE MAXIMUM RATINGS Table 5. Parameter With Respect To Rating ELECTRICAL AVDD AGND −0.3 V to +2.0 V DRVDD DRGND −0.3 V to +2.0 V AGND DRGND −0.3 V to +0.3 V AVDD DRVDD −2.0 V to +2.0 V Digital Outputs (D+, D−, DCO+, DCO−, FCO+, FCO−) DRGND −0.3 V to +2.0 V CLK+, CLK− AGND −0.3 V to +3.9 V VIN+, VIN− AGND −0.3 V to +2.0 V SDIO/ODM AGND −0.3 V to +2.0 V PDWN, SCLK/DTP, CSB AGND −0.3 V to +3.9 V REFT, REFB, RBIAS AGND −0.3 V to +2.0 V VREF, SENSE AGND −0.3 V to +2.0 V ENVIRONMENTAL Operating Temperature Range (Ambient) −40°C to +85°C Maximum Junction Temperature 150°C Lead Temperature (Soldering, 10 sec) 300°C Storage Temperature Range (Ambient) −65°C to +150°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL IMPEDANCE Table 6. Air Flow Velocity (m/s) θJA1 θJB θJC 0.0 17.7°C/W 1.0 15.5°C/W 8.7°C/W 0.6°C/W 2.5 13.9°C/W 1 θJA for a 4-layer PCB with solid ground plane (simulated). Exposed pad soldered to PCB. ESD CAUTION |
Podobny numer części - AD9212-65EBZ |
|
Podobny opis - AD9212-65EBZ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |