Zakładka z wyszukiwarką danych komponentów |
|
AD9212-65EBZ Arkusz danych(PDF) 3 Page - Analog Devices |
|
AD9212-65EBZ Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 56 page AD9212 Rev. 0 | Page 3 of 56 SPECIFICATIONS AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted. Table 1. AD9212-40 AD9212-65 Parameter1 Temperature Min Typ Max Min Typ Max Unit RESOLUTION 10 10 Bits ACCURACY No Missing Codes Full Guaranteed Guaranteed Offset Error Full ±1.5 ±8 ±1.5 ±8 mV Offset Matching Full ±3 ±8 ±3 ±8 mV Gain Error Full ±0.4 ±1.2 ±3.2 ±4.3 % FS Gain Matching Full ±0.3 ±0.7 ±0.4 ±0.9 % FS Differential Nonlinearity (DNL) Full ±0.1 ±0.4 ±0.3 ±0.65 LSB Integral Nonlinearity (INL) Full ±0.15 ±0.5 ±0.4 ±1 LSB TEMPERATURE DRIFT Offset Error Full ±2 ±2 ppm/°C Gain Error Full ±17 ±17 ppm/°C Reference Voltage (1 V Mode) Full ±21 ±21 ppm/°C REFERENCE Output Voltage Error (VREF = 1 V) Full ±2 ±30 ±2 ±30 mV Load Regulation @ 1.0 mA (VREF = 1 V) Full 3 3 mV Input Resistance Full 6 6 kΩ ANALOG INPUTS Differential Input Voltage Range (VREF = 1 V) Full 2 2 V p-p Common-Mode Voltage Full AVDD/2 AVDD/2 V Differential Input Capacitance Full 7 7 pF Analog Bandwidth, Full Power Full 325 325 MHz POWER SUPPLY AVDD Full 1.7 1.8 1.9 1.7 1.8 1.9 V DRVDD Full 1.7 1.8 1.9 1.7 1.8 1.9 V IAVDD Full 252 260 390 405 mA IDRVDD Full 49.5 53 54 58 mA Total Power Dissipation (Including Output Drivers) Full 542 560 800 833 mW Power-Down Dissipation Full 3 11 3 11 mW Standby Dissipation2 Full 83 95 mW CROSSTALK Full −90 −90 dB CROSSTALK (Overrange Condition)3 Full −90 −90 dB 1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions and how these tests were completed. 2 Can be controlled via SPI. 3 Overrange condition is specific with 6 dB of the full-scale input range. |
Podobny numer części - AD9212-65EBZ |
|
Podobny opis - AD9212-65EBZ |