Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS19208CBI Arkusz danych(PDF) 2 Page - Applied Micro Circuits Corporation

Numer części CS19208CBI
Szczegółowy opis  OC-192/48/12/3 DW/FEC/PM and ASYNC Mapper Device
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMCC [Applied Micro Circuits Corporation]
Strona internetowa  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS19208CBI Arkusz danych(HTML) 2 Page - Applied Micro Circuits Corporation

  CS19208CBI Datasheet HTML 1Page - Applied Micro Circuits Corporation CS19208CBI Datasheet HTML 2Page - Applied Micro Circuits Corporation CS19208CBI Datasheet HTML 3Page - Applied Micro Circuits Corporation CS19208CBI Datasheet HTML 4Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Confidential and Proprietary
2
Empowering Intelligent Optical Networks
Product Brief
Niagara
OC-192/48/12/3 DW/FEC/PM and ASYNC Mapper Device
Part Number S19208CBI, Revision 1.4, Jan 2003
Applications
• SONET/SDH OC-48/STM-16 OC-192/STM-64 DWDM transport
systems and DWDM metro networks
• Transparent Add-Drop Multiplexing Transponder applications
• Protocol Transparent Transport
• IaDI to IrDI FEC transponder chip (6.2dB gain network to >8dB gain
network)
GENERAL DESCRIPTION
The AMCC Niagara device is a wide-area and metropolitan
transport device aimed at next generation applications required
transparent multiplexing and enhanced error correction capa-
bility. The device utilizes the ITU G.709 frame and overhead
structures to enable deployment of full OTN compliant network
elements. Niagara will support two gain rates, the standard
G.975 based rate of 6.2dB (raw optical coding gain), and
AMCC’s proprietary EFEC code rated at greater than 8dB (raw
optical coding gain). The Niagara device is capable of running
both these gains simultaneously, providing a superb single chip
transponder solution for standard gain to enhanced gain net-
works.
DATA INTERFACES
Both the client and network interfaces are SFI-4 compliant.
Data is transferred as 16 bit LVDS parallel data with a synchro-
nous clock. For 10 Gbps applications, the client interface rate
varies between 622 Mbps and 692 Mbps, for an aggregate
bandwidth of 9.95 Gbps to 10.7 Gbps. The defined low end of
the parallel client interface is 31.25 Mbps (across 4 bits of the
interface) for an aggregate bandwidth of 125 Mbps. The device
supports OC-192/STM-64, ITU G.709 OTU-2, ITU-G.709 ODU-
2, or proprietary direct map (into ODU-2) data up to a client rate
of 10.3 Gbps. For 10 Gbps applications, the network side data
interface operates at parallel rate of 622 Mbps and 693 Mbps
for an aggregate bandwidth of 9.95 Gbps to 11.1 Gbps. The
defined low end of the parallel network interface is 33.4375
Mbps (across 4 bits of the interface) for an aggregate band-
width of 133 Gbps.
CLIENT PERFORMANCE MONITORING
A SONET/SDH performance monitor supporting OC192/48/12/
3 and SDH64/16/4/1 rates is provided to perform optional sec-
tion and limited-line termination functions. TOH for the SONET
signal is dropped and added. On-chip processing of the critical
TOH functions, such as B1, B2, and J0 is provided to enable
functioning as a SONET/SDH network element. The perfor-
mance monitor may also be configured to provide non-intrusive
monitoring while transparently passing through the received
signal with no overwrite. The 10 Gbps signal and the 2.5 Gbps
signal may be synchronously or asynchronously mapped into
the ODU-2 and ODU-1 payloads, respectively. FEC parity
check bytes are then optionally added to form the OTU-2 or
OTU-1. The device can also output the ODU-2 or OTU-1 with
no parity check bytes. In the receive direction, data is de-
mapped from the ODU-2 or OTU-1, and control signals pro-
vided to enable timing regeneration of the client 10 Gbps or 2.5
Gbps signal.
When operating in the ITU G.709 OTU-2/OTU-1 or ODU-2/
ODU-1 mode, the SONET monitors are bypassed. On-chip
processing of the G.709 overhead is provided to enable single
chip G.709 section termination. G.709 overhead can be added
or dropped as required. Re-mapping required for synchroniza-
tion of asynchronous ODU-1 signals is not supported.
Client-signal monitoring for 8B/10B encoded data is also pro-
vided, as well as 64B/66B monitoring for 10GE-LAN traffic. A
full 10GE-LAN MAC is also included in the Niagara device to
support extensive 10GE monitoring.
AIS SUPPORT
For applications in which the client signal is SONET or SDH,
the Niagara can generate a SONET/SDH AIS on both the client
ingress and the egress.
For applications in which the client signal is G.709 compliant or
for OTN regenerator applications, Line Fail and un-equipped
OTN AIS is supported. For OTN edge applications, the device
can be provisioned to provide either a SONET/SDH AIS or a
OTN Generic AIS to the client. This facilitates convergence of
the SONET/SDH and OTN functions into a single network ele-
ment.
ODU MAPPING
ITU compliant client mapping of SONET OC-192 or SDH STM-
64 into the ODU-2 signals (and the corresponding 2.5G signals
into an ODU-1) is supported whereby a stuff column is added
to every G.709 sub-frame resulting in a ODU rate expansion of
(239/237). The chip can be configured to insert the G.709 com-
pliant stuff-byte value or to insert user data into this column.
The values assigned to the stuff bytes can be defined either
from a register set on chip or from an external add-drop port.
Coverage of these stuff columns in the BIP calculation or in the
FEC is optional and can be enabled via software. When the no-
coverage option is enabled, The BIP and Parity check values
are calculated as if the standard stuff values were present.
A direct map mode is supported for ODU-2 and ODU-1 with no
stuff columns to enable proprietary mapping with a 239/238
rate. Start of frame signals are provided at the input and output
ports to enable synchronization to the ODU.


Podobny numer części - CS19208CBI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Applied Micro Circuits ...
CS19201 AMCC-CS19201 Datasheet
88Kb / 2P
   STS-192 SONET/SDH Interleaver/Disinterleaver
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
   STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
CS19203CBI20 AMCC-CS19203CBI20 Datasheet
81Kb / 3P
   Variable Rate Digital Wrapper Framer/Deframer, PM, and FEC Device
CS19204CBI12 AMCC-CS19204CBI12 Datasheet
92Kb / 3P
   SONET/SDH STS-192/STM-64 MUX/DEMUX with Pointer Processor
CS19205CBI AMCC-CS19205CBI Datasheet
198Kb / 3P
   10 Gigabit Ethernet MAC and PHY/OC-192c POS Framer/Mapper
More results

Podobny opis - CS19208CBI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Applied Micro Circuits ...
CS4815 AMCC-CS4815 Datasheet
181Kb / 3P
   OC-48/12/3 DW/FEC/PM and ASYNC Mapper Device with Strong FEC
CS19227PBI AMCC-CS19227PBI Datasheet
342Kb / 5P
   10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
CS19227PBI-2 AMCC-CS19227PBI-2 Datasheet
318Kb / 5P
   10GE & OC192/48/12/3 DW/FEC/PM and AsyncMap Device with Strong FEC
logo
Texas Instruments
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
[Old version datasheet]   OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2721 TI-SLK2721 Datasheet
300Kb / 21P
[Old version datasheet]   OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Applied Micro Circuits ...
CS4804 AMCC-CS4804 Datasheet
42Kb / 2P
   OC-48 / 4xOC-12 / 16xOC-3 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
Analog Devices
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2811 AD-ADN2811_15 Datasheet
485Kb / 20P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
logo
Applied Micro Circuits ...
CS3394 AMCC-CS3394 Datasheet
62Kb / 2P
   SONET/SDH/FEC OC-192 Receiver with EDC Technology
logo
Exar Corporation
XRT95L51 EXAR-XRT95L51 Datasheet
123Kb / 8P
   OC-48 ATM UNI/POS/MAPPER IC
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com