Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD90N03L Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części STD90N03L
Szczegółowy opis  N-channel 30V - 0.005廓 - 80A - DPAK/IPAK STripFET??III Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD90N03L Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button STD90N03L Datasheet HTML 7Page - STMicroelectronics STD90N03L Datasheet HTML 8Page - STMicroelectronics STD90N03L Datasheet HTML 9Page - STMicroelectronics STD90N03L Datasheet HTML 10Page - STMicroelectronics STD90N03L Datasheet HTML 11Page - STMicroelectronics STD90N03L Datasheet HTML 12Page - STMicroelectronics STD90N03L Datasheet HTML 13Page - STMicroelectronics STD90N03L Datasheet HTML 14Page - STMicroelectronics STD90N03L Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STD90N03L - STD90N03L-1
Package mechanical data
11/16
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Podobny numer części - STD90N03L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
STD90N03L VBSEMI-STD90N03L Datasheet
1,003Kb / 7P
   N-Channel 30-V (D-S) MOSFET
STD90N03L-1 VBSEMI-STD90N03L-1 Datasheet
996Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Podobny opis - STD90N03L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD100NH03L STMICROELECTRONICS-STD100NH03L Datasheet
513Kb / 8P
   N-CHANNEL 30V - 0.005 W - 60A DPAK STripFET??III POWER MOSFET
STD100N03L-1 STMICROELECTRONICS-STD100N03L-1 Datasheet
240Kb / 14P
   N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L_07 Datasheet
365Kb / 17P
   N-channel 25V - 0.0052廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
STD70N03L STMICROELECTRONICS-STD70N03L Datasheet
337Kb / 16P
   N-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET
STD95N4F3 STMICROELECTRONICS-STD95N4F3_07 Datasheet
465Kb / 14P
   N-channel 40V - 5.4m廓 - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L_07 Datasheet
376Kb / 17P
   N-channel 25V - 0.0068廓 - 60A - DPAK - IPAK STripFET??III Power MOSFET
STD50N03L STMICROELECTRONICS-STD50N03L Datasheet
337Kb / 16P
   N-CHANNEL 30V - 9.2mohm - 40A - DPAK/IPAK STripFET TM III Power MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L Datasheet
534Kb / 12P
   N-CHANNEL 30V - 0.0075 W - 60A DPAK/IPAK STripFET III POWER MOSFET
STU100N3LF3 STMICROELECTRONICS-STU100N3LF3 Datasheet
434Kb / 15P
   N-channel 30V - 0.0045OHM - 80A - DPAK - IPAK Planar STripFET TM II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com