Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV244AT Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części 74LV244AT
Szczegółowy opis  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

74LV244AT Arkusz danych(HTML) 4 Page - Texas Instruments

  74LV244AT Datasheet HTML 1Page - Texas Instruments 74LV244AT Datasheet HTML 2Page - Texas Instruments 74LV244AT Datasheet HTML 3Page - Texas Instruments 74LV244AT Datasheet HTML 4Page - Texas Instruments 74LV244AT Datasheet HTML 5Page - Texas Instruments 74LV244AT Datasheet HTML 6Page - Texas Instruments 74LV244AT Datasheet HTML 7Page - Texas Instruments 74LV244AT Datasheet HTML 8Page - Texas Instruments 74LV244AT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
Noise Characteristics
(1)
SN74LV244AT
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES572C – JUNE 2004 – REVISED AUGUST 2005
over recommended operating free-air temperature range (unless otherwise noted)
TA = –40°C
TA = 25°C
to 85
°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
IOH = –50 µA
4.5 V
4.4
4.5
4.4
VOH
V
IOH = –16 mA
4.5 V
3.8
3.8
IOL = 50 µA
4.5 V
0
0.1
0.1
VOL
V
IOL = 16 mA
4.5 V
0.55
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±0.1
±1
µA
IOZ
VO = VCC or GND
5.5 V
±0.25
±2.5
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
µA
∆I
CC
(1)
One input at 3.4 V, Other inputs at VCC or GND
5.5 V
1.35
1.5
mA
Ioff
VI or VO = 0 to 5.5 V
0
0.5
5
µA
Ci
VI = VCC or GND
4.5
pF
(1)
This is the increase in supply current for each input at one of the specified TTL voltage levels, rather than 0 V or VCC.
over recommended operating free-air temperature range, V
CC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
FROM
TO
LOAD
PARAMETER
MIN MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP MAX
tPLH
2.6
5/4
7.4
1
8.5
A or B
B or A
CL = 15 pF
ns
tPHL
2.4
5.4
7.4
1
8.5
tPZH
2.2
7.7
10.4
1
12
OE
A or B
CL = 15 pF
ns
tPZL
2.7
7.7
10.4
1
12
tPHZ
2.2
3.9
7.7
1
8
OE
A or B
CL = 15 pF
ns
tPLZ
2.5
3.9
7.7
1
8
tPLH
4
5.9
8.9
1
9.5
A or B
B or A
CL = 50 pF
ns
tPHL
4.7
5.9
8.9
1
9.5
tPZH
3.9
8.2
11.4
1
13
OE
A or B
CL = 50 pF
ns
tPZL
4.9
8.2
11.4
1
13
tPHZ
3.3
8.8
11.4
1
13
OE
A or B
CL = 50 pF
ns
tPLZ
3.2
8.8
11.4
1
13
tsk(o)
CL = 50 pF
1
1
ns
V
CC = 5 V, CL = 50 pF
TA = 25°C
PARAMETER
UNIT
MIN
TYP
MAX
VOL(P)
Quiet output, maximum dynamic VOL
0.8
1
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.8
–1
V
VOH(V)
Quiet output, minimum dynamic VOH
4
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V
(1)
Characteristics are for surface-mount packages only.
4


Podobny numer części - 74LV244AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
74LV244AT NEXPERIA-74LV244AT Datasheet
734Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 1 - 23 November 2016
74LV244ATPW NEXPERIA-74LV244ATPW Datasheet
734Kb / 13P
   Octal buffer/line driver; 3-state
Rev. 1 - 23 November 2016
More results

Podobny opis - 74LV244AT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com