Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD08RM0SK Arkusz danych(PDF) 2 Page - ITT Industries

Numer części CD08RM0SK
Szczegółowy opis  8mm DIP Coded Rotary Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

CD08RM0SK Arkusz danych(HTML) 2 Page - ITT Industries

  CD08RM0SK Datasheet HTML 1Page - ITT Industries CD08RM0SK Datasheet HTML 2Page - ITT Industries CD08RM0SK Datasheet HTML 3Page - ITT Industries CD08RM0SK Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-29
I
SWITCHES WITH STANDARD OPTIONS
8
C
2
1
C
4
F 1
0
1
C
4
8
C
2
.300
(7,62)
.032 TYP.
(0.81)
.100 TYP.
(2,54)
.315
(8,00)
.200
(5.08)
.100
(2,54)
.168
(4,27)
.305
(7,75)
.010 TYP
(0,25)
.125 TYP
(3,18)
.025 TYP
(0,64)
.020 TYP
(0,51)
NO.
QUANTITY
PART NUMBER
POS.
PER TUBE
CD08RM0CK
860
CD10RM0CK
10
60
CD16RM0CK
16
60
C&K CD Series
8mm DIP Coded Rotary Switches
.200
(5,08)
.100 TYP.
(2,54)
Ø.032
(0,81)
TYP.
.050.
(1,27)
.200
(5,08)
.100
(2,54)
.020 TYP.
(0,51)
.010
(0,25)
.183
(4,64)
TYP.
.025
(0,64)
.025
(0,64)
.132
(3,34)
.025 TYP.
(0,64)
STAND-OFF
.315
(8,00)
.330
(8,36)
.315
(8,00)
.099
(2,52)
1C 4
.200
(5,08)
8
1
3
2
1
C
4
8
C
2
.020 TYP.
(0,51)
.010 THK.
(0,25)
.040 TYP.
(1,02)
.315
(8,00)
.315
(8,00)
.200
(5,08)
.390
(9,90)
.174
(4,41)
.006
(0,15)
.100
(2,54)
8
C
2
1
C
4
.200
(5,08)
.100 TYP.
(2,54)
.080
(2,03)
.050
(1,27)
TYP.
.430
(10,92)
0
9 1
1
C
4
8
C
2
PC Mount
Surface Mount
CD16RM0CK
CD10RM0AK
CD10RM0SK
NO.
QUANTITY
PART NUMBER
POS.
PER TUBE
CD08RM0AK
860
CD10RM0AK
10
60
CD16RM0AK
16
60
NO.
QUANTITY
PART NUMBER
POS.
PER TUBE
CD08RM0SK
860
CD10RM0SK
10
60
CD16RM0SK
16
60
Right Angle Mount
Note: For tape and reel packaging, add ‘R’ to end of part number.


Podobny numer części - CD08RM0SK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
CD08RM0S-B-R CK-COMPONENTS-CD08RM0S-B-R Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
CD08RM0S-K-R CK-COMPONENTS-CD08RM0S-K-R Datasheet
146Kb / 4P
   8mm DIP Coded Rotary Switches
2003
CD08RM0SB CK-COMPONENTS-CD08RM0SB Datasheet
207Kb / 4P
   8mm DIP Coded Rotary Switches
More results

Podobny opis - CD08RM0SK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
CD CK-COMPONENTS-CD_V02 Datasheet
345Kb / 4P
   8mm DIP Coded Rotary Switches
CD08RM0CB CK-COMPONENTS-CD08RM0CB Datasheet
207Kb / 4P
   8mm DIP Coded Rotary Switches
CD CK-COMPONENTS-CD Datasheet
146Kb / 4P
   8mm DIP Coded Rotary Switches
2003
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
   10mm DIP Coded Rotary Switches
8 Feb 23
logo
ITT Industries
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
   10mm DIP Coded Rotary Switches
logo
C&K Components
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
   10mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com