Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA04J757207DQ Arkusz danych(PDF) 2 Page - ITT Industries

Numer części CA04J757207DQ
Szczegółowy opis  Illuminated Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

CA04J757207DQ Arkusz danych(HTML) 2 Page - ITT Industries

  CA04J757207DQ Datasheet HTML 1Page - ITT Industries CA04J757207DQ Datasheet HTML 2Page - ITT Industries CA04J757207DQ Datasheet HTML 3Page - ITT Industries CA04J757207DQ Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
H-111
H
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K CA Series
Illuminated Power Rocker Switches
SWITCH FUNCTION
DPST
OPEN
1-1A, 2-2A
OFF
ON
CA24
DP
SPST
OPEN
1-1A
OFF
ON
CA04
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
MODEL
NO.
NO.
POLES
DPST
SPST
Part number shown: CA04J137207Q
Part number shown: CA24J137207Q
See CONTACT MATERIAL section, page H–115, for complete contact ratings and agency approvals.
Contacts make on side opposite actuator thrown.
All models
with all options.
1
1A
2
1A
1
2A
2


Podobny numer części - CA04J757207DQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
CA04J7-371-07-DQ CK-COMPONENTS-CA04J7-371-07-DQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA04J7-371-07-HQ CK-COMPONENTS-CA04J7-371-07-HQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA04J7-371-07-P-Q CK-COMPONENTS-CA04J7-371-07-P-Q Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA04J7-37207-DQ CK-COMPONENTS-CA04J7-37207-DQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA04J7-37207-HQ CK-COMPONENTS-CA04J7-37207-HQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
More results

Podobny opis - CA04J757207DQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
CA04J137207DQ CK-COMPONENTS-CA04J137207DQ Datasheet
202Kb / 4P
   Illuminated Power Rocker Switches
CA CK-COMPONENTS-CA Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
   Illuminated Rocker Switches
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
logo
CW Industries
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com