Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA22J76207HQ Arkusz danych(PDF) 2 Page - ITT Industries

Numer części CA22J76207HQ
Szczegółowy opis  Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

CA22J76207HQ Arkusz danych(HTML) 2 Page - ITT Industries

  CA22J76207HQ Datasheet HTML 1Page - ITT Industries CA22J76207HQ Datasheet HTML 2Page - ITT Industries CA22J76207HQ Datasheet HTML 3Page - ITT Industries CA22J76207HQ Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
H-107
H
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K CA Series
Power Rocker Switches
SWITCH FUNCTION
DPDT
DPST
1-1B, 2-2B
OPEN
1-1A, 2-2A
1-1A, 2-2A
ON
OFF
ON
ON
CA21
CA22
DP
SPDT
SPST
1-1B
OPEN
1-1A
1-1A
ON
OFF
ON
ON
CA01
CA02
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
MODEL
NO.
NO.
POLES
DPDT
SPDT
Part number shown: CA01J12207Q
Part number shown: CA21J12207Q
For complete contact ratings and agency approvals, see CONTACT MATERIAL section, page H–111.
Contacts make on side opposite actuator thrown.
All models
with all options.
1A
1


Podobny numer części - CA22J76207HQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA224 INTERSIL-CA224 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
Cooper Bussmann, Inc.
CA22D15 COOPER-CA22D15 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
CA22D30 COOPER-CA22D30 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
CA22D45 COOPER-CA22D45 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
CA22D60 COOPER-CA22D60 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Podobny opis - CA22J76207HQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
CA01J12207DQ CK-COMPONENTS-CA01J12207DQ Datasheet
290Kb / 4P
   Power Rocker Switches
DF CK-COMPONENTS-DF Datasheet
354Kb / 4P
   Power Rocker Switches
logo
Panasonic Semiconductor
AJ7 PANASONIC-AJ7 Datasheet
461Kb / 11P
   Power Rocker Switches
AJ8S PANASONIC-AJ8S Datasheet
254Kb / 8P
   Power Rocker Switches
logo
C&K Components
C121J12S205DQA CK-COMPONENTS-C121J12S205DQA Datasheet
354Kb / 3P
   Power Rocker Switches
logo
ITT Industries
C121J12S205QA ITT-C121J12S205QA Datasheet
200Kb / 3P
   Power Rocker Switches
DF52J12S215QA ITT-DF52J12S215QA Datasheet
273Kb / 4P
   Power Rocker Switches
logo
C&K Components
DF52J12S215DQA CK-COMPONENTS-DF52J12S215DQA Datasheet
999Kb / 4P
   Power Rocker Switches
logo
Tyco Electronics
PRA MACOM-PRA Datasheet
301Kb / 4P
   Power Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com