Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DM14J71S205Q3 Arkusz danych(PDF) 3 Page - ITT Industries

Numer części DM14J71S205Q3
Szczegółowy opis  Miniature Illuminated Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ITT [ITT Industries]
Strona internetowa  http://www.ittcannon.com
Logo ITT - ITT Industries

DM14J71S205Q3 Arkusz danych(HTML) 3 Page - ITT Industries

  DM14J71S205Q3 Datasheet HTML 1Page - ITT Industries DM14J71S205Q3 Datasheet HTML 2Page - ITT Industries DM14J71S205Q3 Datasheet HTML 3Page - ITT Industries DM14J71S205Q3 Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
H–77
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
H
C&K DM Series
Miniature Illuminated Power Rocker Switches
HOUSING STYLE/COLOR
PANEL MOUNTING
'S2' & 'G2' housing style
TERMINATIONS
CONTACT MATERIAL
LED COLOR
150
510
1.2K
2.0 typ.
4V
20
2.1
Green
6
150
510
1.2K
2.5 typ.
4V
20
2.2
Amber
4
270
1K
2.2K
1.6 typ.
4V
10
2.1
Red
3
RECOMMENDED RESISTOR @ VOLTAGE
5V
12V
24V
INTENSITY
MCD
REVERSE
VR
CURRENT
LLED
FORWARD
VFD
LED
COLOR
OPTION CODE
1 MOVABLE CONTACTS: DM14 and DM24 models: Copper, silver plated.
DM54 and DM64 models: Coin silver, silver plated.
2 STATIONARY CONTACTS & TERMINALS: Copper or brass, silver plated.
NOTE: Blank insert available for SP models only, see page H-80.
NOTE: Any models supplied with Q contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
All models
with all options.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
05
QUICK CONNECT
G2
ACTUATOR GUARD, BLACK
n/a
.780
(19,81)
.079–.118
(2,01) (3,00)
0.780
(19,81)
0.764
(19,41)
.049–.079
(1,24) (2,01)
0.764
(19,41)
0.756
(19,20)
.030–.049
(0,76) (1,24)
DIM ‘A’ with
‘G2’ option
SP MODELS ONLY
DIM ‘A’
‘S2’ & ‘G2’
HOUSING STYLES
PANEL
THICKNESS
NEW!
DM14 and DM24 Models: 3 AMPS @ 125 V AC; 2 AMPS @ 250 V AC.
DM54 and DM64 Models: 10 AMPS @ 125 V AC; 5 AMPS @ 250 V AC.
RATINGS
CONTACT AND
TERMINAL MATERIAL
SILVER 1,2
POWER
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
OPTION
CODE
Q
YES
YES


Podobny numer części - DM14J71S205Q3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
DM14J705Q3 CK-COMPONENTS-DM14J705Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
DM14J7205Q3 CK-COMPONENTS-DM14J7205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
DM14J7S205Q3 CK-COMPONENTS-DM14J7S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
More results

Podobny opis - DM14J71S205Q3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
CW Industries
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4012-0000 CWIND-GRL-4012-0000 Datasheet
189Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0021 CWIND-GRL-4011-0021 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0012 CWIND-GRL-4021-0012 Datasheet
194Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
logo
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com