Zakładka z wyszukiwarką danych komponentów |
|
TL032ACD Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
TL032ACD Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 63 page TL03x, TL03xA ENHANCED-JFET LOW-POWER LOW-OFFSET OPERATIONAL AMPLIFIERS SLOS180C – FEBRUARY 1997 – REVISED DECEMBER 2001 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TL031C and TL031AC electrical characteristics at specified free-air temperature (continued) TL031C, TL031AC PARAMETER TEST CONDITIONS TA VCC ± = ±5 V VCC ± = ±15 V UNIT A MIN TYP MAX MIN TYP MAX 25 °C 1.9 2.5 6.5 8.4 PD Total power dissipation VO = 0, No load 0 °C 1.8 2.5 6.3 8.4 mW 70 °C 1.9 2.5 6.3 8.4 25 °C 192 250 217 280 ICC Supply current VO = 0, No load 0 °C 184 250 211 280 µA 70 °C 189 250 210 280 TL031C and TL031AC operating characteristics at specified free-air temperature TL031C, TL031AC PARAMETER TEST CONDITIONS TA VCC ± = ±5 V VCC ± = ±15 V UNIT A MIN TYP MAX MIN TYP MAX P iti l t t R10 k Ω C 100 F 25 °C 2 1.5 2.9 SR+ Positive slew rate at unity gain† RL = 10 kΩ, CL = 100 pF See Figure 1 0 °C 1.8 1 2.6 V/ µs unity gain† See Figure 1 70 °C 2.2 1.5 3.2 Nti l t t R10 k Ω C 100 F 25 °C 3.9 1.5 5.1 SR– Negative slew rate at unity gain† RL = 10 kΩ, CL = 100 pF See Figure 1 0 °C 3.7 1.5 5 V/ µs unity gain† See Figure 1 70 °C 4 1.5 5 VI(PP) = ±10 mV, 25 °C 138 132 tr Rise time VI(PP) = ±10 mV, RL = 10 kΩ, CL = 100 pF 0 °C 134 127 ns See Figures 1 and 2 70 °C 150 142 VI(PP) = ±10 mV, 25 °C 138 132 tf Fall time VI(PP) = ±10 mV, RL = 10 kΩ, CL = 100 pF 0 °C 134 127 ns See Figure 1 70 °C 150 142 VI(PP) = ±10 mV, 25 °C 11% 5% Overshoot factor VI(PP) = ±10 mV, RL = 10 k Ω, CL = 100 pF 0 °C 10% 4% See Figures 1 and 2 70 °C 12% 6% TL031C f = 10 Hz 25 °C 61 61 V Equivalent input TL031C RS = 20 Ω f = 1 kHz 25 °C 41 41 nV/ √H Vn q noise voltage TL031AC S See Figure 3 f = 10 Hz 25 °C 61 61 nV/ √Hz TL031AC f = 1 kHz 25 °C 41 41 60 In Equivalent input noise current f = 1 kHz 25 °C 0.003 0.003 pA/ √Hz VI = 10 mV 25 °C 1 1.1 B1 Unity-gain bandwidth VI = 10 mV RL = 10 kΩ, CL = 25 pF 0 °C 1 1.1 MHz See Figure 4 70 °C 1 1 VI = 10 mV 25 °C 61 ° 65 ° φm Phase margin at unity gain VI 10 mV RL = 10 kΩ, CL = 25 pF SFi 0 °C 61 ° 65 ° See Figure 4 70 °C 60 ° 64 ° † For VCC± = ±5 V, VI(PP) = ±1 V; for VCC± = ±15 V, VI(PP) = ±5 V |
Podobny numer części - TL032ACD |
|
Podobny opis - TL032ACD |