Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ABT240J-QML Arkusz danych(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 54ABT240J-QML
Szczegółowy opis  OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT240J-QML Arkusz danych(HTML) 6 Page - National Semiconductor (TI)

Back Button 54ABT240J-QML Datasheet HTML 2Page - National Semiconductor (TI) 54ABT240J-QML Datasheet HTML 3Page - National Semiconductor (TI) 54ABT240J-QML Datasheet HTML 4Page - National Semiconductor (TI) 54ABT240J-QML Datasheet HTML 5Page - National Semiconductor (TI) 54ABT240J-QML Datasheet HTML 6Page - National Semiconductor (TI) 54ABT240J-QML Datasheet HTML 7Page - National Semiconductor (TI) 54ABT240J-QML Datasheet HTML 8Page - National Semiconductor (TI) 54ABT240J-QML Datasheet HTML 9Page - National Semiconductor (TI) 54ABT240J-QML Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MN54ABT240-X REV 0B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
AC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
CL=50pF RL=500 OHMS TRISE/TFALL = 3.0nS
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
tpLH
Propagation Delay
VCC=5.0V @25C, VCC=4.5V & 5.5V
@-55C/125C
2, 5 In to
On
1.0
4.3
ns
9
2, 5 In to
On
0.8
5.5
ns
10, 11
tpHL
Propagation Delay
VCC=5.0V @25C, VCC=4.5V & 5.5V
@-55C/125C
2, 5 In to
On
1.0
4.5
ns
9
2, 5 In to
On
1.0
5.5
ns
10, 11
tpZL
Output Enable
Time
VCC=5.0V @25C, VCC=4.5V & 5.5V
@-55C/125C
2, 5 OE to
On
1.1
6.2
ns
9
2, 5 OE to
On
0.8
7.7
ns
10, 11
tpZH
Output Enable
Time
VCC=5.0V @25C, VCC=4.5V & 5.5V
@-55C/125C
2, 5 OE to
On
1.1
5.8
ns
9
2, 5 OE to
On
0.8
7.5
ns
10, 11
tpHZ
Output Disable
Time
VCC=5.0V @25C, VCC=4.5V & 5.5V
@-55C/125C
2, 5 OE to
On
1.5
5.9
ns
9
2, 5 OE to
On
1.0
7.5
ns
10, 11
tpLZ
Output Disable
Time
VCC=5.0V @25C, VCC=4.5V & 5.5V
@-55C/125C
2, 5 OE to
On
1.5
5.9
ns
9
2, 5 OE to
On
1.0
7.2
ns
10, 11
Note 1:
SCREEN TESTED 100% ON EACH DEVICE AT -55C, +125C & +25C TEMP., SUBGROUPS 1,2,3,7 & 8.
Note 2:
SCREEN TESTED 100% ON EACH DEVICE AT -55C, +25C & +125C TEMP., SUBGROUPS A9, A10 &
A11.
Note 3:
SCREEN TESTED 100% ON EACH DEVICE AT +25C TEMP. ONLY, SUBGROUP 9.
Note 4:
SAMPLE TESTED (METHOD 5005, TABLE 1) ON EACH MFG. LOT AT +25C, +125C & -55C TEMP.,
SUBGROUPS A1, 2, 3, 7 & 8.
Note 5:
SAMPLE TESTED (METHOD 5005, TABLE 1) ON EACH MFG. LOT AT +25C, +125C & -55C TEMP.,
SUBGROUPS A9, 10, & 11.
Note 6:
SAMPLE TESTED (METHOD 5005, TABLE 1) ON EACH MFG. LOT AT +25C TEMP ONLY, SUBGROUP A9.
Note 7:
NOT TESTED (GUARANTEED BY DESIGN CHARACTERIZATION DATA).
Note 8:
MAX NUMBER OF OUTPUTS DEFINED AS (N).
N-1 DATA INPUTS ARE DRIVEN 0V TO 3.0V.
ONE
OUTPUT @ VOL OR @ VOH.
Note 9:
MAX NUMBER OF DATA INPUTS (N) SWITCHING.
(N-1) INPUTS SWITCHING 0V TO 3.0V.
INPUT-UNDERTEST SWITCHING: 3V TO THRESHOLD (VILD), 0V TO THRESHOLD (VIHD), FREQ.= 1
MHZ.
Note 10:
MAXIMUM TEST DURATION NOT TO EXCEED ONE SECOND, NOT MORE THAN ONE OUTPUT SHORTED AT
ONE TIME.
6


Podobny numer części - 54ABT240J-QML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ABT240J-QML NSC-54ABT240J-QML Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT240J-QML NSC-54ABT240J-QML Datasheet
168Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
More results

Podobny opis - 54ABT240J-QML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
MN54ABT240 NSC-MN54ABT240 Datasheet
168Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
MN54ABT244-X NSC-MN54ABT244-X Datasheet
209Kb / 13P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com