Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV2454 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części MV2454
Szczegółowy opis  LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MV2454 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  MV2454 Datasheet HTML 1Page - Fairchild Semiconductor MV2454 Datasheet HTML 2Page - Fairchild Semiconductor MV2454 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
HER
YELLOW
GREEN
UNITS
Power Dissipation (derated from 92
°C at 1mA/°C)
27
24
27
mW
Peak Forward Current (PW
≤ 1 ms, DF ≤ 30 %)
25
20
25
mA
Continuous Forward Current
7.5
7.5
7.5
mA
Lead Soldering Time at 260
° C
5
5
5
sec
Reverse Breakdown Voltage (V)
5
5
5
IR = 100µA
Operating Temperature
-55 to +100
-55 to +100
-55 to +100
°C
Storage Temperature
-55 to +100
-55 to +100
-55 to +100
°C
ABSOLUTE MAXIMUM RATING (TA =25°C)
HER
YELLOW
GREEN
Parameter
HLMP-1700/4700
HLMP-1719/4719
HLMP-1790/4740
Condition
(MV2454)
Luminous Intensity (mcd)
IF = 2mA
Minimum
1.0/1.2
1.0/1.2
1.0/1.2
Typical
2.0/2.0
2.0/2.0
2.0/3.0
Forward Voltage (V)
IF = 2mA
Maximum
2.2
2.7
2.7
Typical
1.8
1.9
1.9
Peak Wavelength (nm)
635
585
565
IF = 2mA
Spectral Line Half Width
45
35
30
IF = 2mA
Viewing Angle (°)
50/35
50/35
50/35
IF = 2mA
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
LOW CURRENT T-100 & T-1 3/4
SOLID STATE LAMPS
www.fairchildsemi.com
2 OF 3
3/14/01
DS300016


Podobny numer części - MV2454

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MTRONPTI
MV24T1AD MTRONPTI-MV24T1AD Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV24T1AD MTRONPTI-MV24T1AD Datasheet
396Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV24T1AD-R MTRONPTI-MV24T1AD-R Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV24T1AD-R MTRONPTI-MV24T1AD-R Datasheet
396Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
MV24T1AG MTRONPTI-MV24T1AG Datasheet
275Kb / 1P
   14 DIP, 5.0 Volt, HCMOS/TTL, VCXO
More results

Podobny opis - MV2454

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Everlight Electronics C...
HLMP1700 EVERLIGHT-HLMP1700 Datasheet
258Kb / 4P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
QT Optoelectronics
HLMP-1700 QT-HLMP-1700 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Everlight Electronics C...
HLMP1700C6A0 EVERLIGHT-HLMP1700C6A0 Datasheet
258Kb / 4P
   LOW CURRNET T-100 T-1 3/4 SOLID STATE LAMPS
logo
Kingbright Corporation
L453ID KINGBRIGHT-L453ID Datasheet
123Kb / 4P
   T-1 3/4 SOLID STATE LAMPS
logo
Visual Communications C...
4300HLC VCC-4300HLC Datasheet
73Kb / 1P
   Solid State LED Lamps-Low Current T-1 3/4 ( 5mm)
logo
Fairchild Semiconductor
HLMP-3X50A FAIRCHILD-HLMP-3X50A Datasheet
179Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMPS
HLMP-D600 FAIRCHILD-HLMP-D600 Datasheet
107Kb / 4P
   T-1 3/4 5mm SOLID STATE LAMPS
logo
QT Optoelectronics
HLMP-D600 QT-HLMP-D600 Datasheet
245Kb / 3P
   T-1 3/4 (5mm) SOLID STATE LAMPS
logo
Kingbright Corporation
L63ID KINGBRIGHT-L63ID Datasheet
148Kb / 5P
   T-1 3/4 (5MM) SOLID STATE LAMPS
L53HD KINGBRIGHT-L53HD Datasheet
209Kb / 7P
   T-1 3/4(5mm) SOLID STATE LAMPS
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com