Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1488P Arkusz danych(PDF) 11 Page - Motorola, Inc

Numer części MC1488P
Szczegółowy opis  RS-232C QUAD LINE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC1488P Arkusz danych(HTML) 11 Page - Motorola, Inc

Back Button MC1488P Datasheet HTML 4Page - Motorola, Inc MC1488P Datasheet HTML 5Page - Motorola, Inc MC1488P Datasheet HTML 6Page - Motorola, Inc MC1488P Datasheet HTML 7Page - Motorola, Inc MC1488P Datasheet HTML 8Page - Motorola, Inc MC1488P Datasheet HTML 9Page - Motorola, Inc MC1488P Datasheet HTML 10Page - Motorola, Inc MC1488P Datasheet HTML 11Page - Motorola, Inc MC1488P Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC1488
11/12
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.4
6.6
0.252
0.260
Bo
9
9.2
0.354
0.362
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-14 MECHANICAL DATA


Podobny numer części - MC1488P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1488P ONSEMI-MC1488P Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
STMicroelectronics
MC1488P STMICROELECTRONICS-MC1488P Datasheet
323Kb / 12P
   RS232C QUAD LINE DRIVER
MC1488P STMICROELECTRONICS-MC1488P Datasheet
558Kb / 17P
   RS-232 quad line driver
logo
ON Semiconductor
MC1488P ONSEMI-MC1488P Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
logo
ARTSCHIP ELECTRONICS CO...
MC1488P ARTSCHIP-MC1488P Datasheet
377Kb / 7P
   Quad Line Driver
More results

Podobny opis - MC1488P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM2617 AMD-AM2617 Datasheet
192Kb / 4P
   Quad RS-232C Line Receiver
logo
STMicroelectronics
MC1488 STMICROELECTRONICS-MC1488_06 Datasheet
558Kb / 17P
   RS-232 quad line driver
logo
Sony Corporation
SRP-X351P SONY-SRP-X351P Datasheet
90Kb / 4P
   RS-232C Protocol
logo
Exar Corporation
ST34C87 EXAR-ST34C87 Datasheet
72Kb / 8P
   QUAD RS-422 CMOS Differential Line Driver
logo
Peregrine Semiconductor...
PE926C31 PEREGRINE-PE926C31 Datasheet
127Kb / 7P
   Quad RS-422 Differential Line Driver Radiation Hardened
PE926C32 PEREGRINE-PE926C32 Datasheet
137Kb / 6P
   Quad RS-422 Differential Line Driver Radiation Hardened
logo
Contec Co., Ltd
CPS-MC341-DS11-111 CONTEC-CPS-MC341-DS11-111 Datasheet
270Kb / 3P
   Digital Input/Output , RS-232C Model
logo
Advanced Micro Devices
AM26LS29 AMD-AM26LS29 Datasheet
382Kb / 6P
   QUAD THREE-STATE SINGLE ENDED RS-423 LINE DRIVER
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
   High Speed, 3.3V Quad RS-422 Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com