Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM-23YT Arkusz danych(PDF) 2 Page - Kingbright Corporation

Numer części KM-23YT
Szczegółowy opis  SOT-23 SURFACE MOUNT LED LAMP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KM-23YT Arkusz danych(HTML) 2 Page - Kingbright Corporation

  KM-23YT Datasheet HTML 1Page - Kingbright Corporation KM-23YT Datasheet HTML 2Page - Kingbright Corporation KM-23YT Datasheet HTML 3Page - Kingbright Corporation KM-23YT Datasheet HTML 4Page - Kingbright Corporation KM-23YT Datasheet HTML 5Page - Kingbright Corporation KM-23YT Datasheet HTML 6Page - Kingbright Corporation KM-23YT Datasheet HTML 7Page - Kingbright Corporation KM-23YT Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1-KM-23-2
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
Peak Wavelength
Bright Red
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
700
625
590
660
565
595
nm
IF=20mA
Spectral Line
Halfwidth
Bright Red
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
45
45
35
20
30
20
nm
IF=20mA
Capacitance
Bright Red
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
40
12
10
95
45
33
pF
VF=0V;f=1MHz
Forward Voltage
Bright Red
High Efficiency Red
Yellow
Super Bright Red
Super Bright Green
Super Bright Yellow
2.0
2.0
2.1
1.85
2.2
2.0
2.5
2.5
2.5
2.5
2.5
2.4
V
IF=20mA
Reverse Current
All
10
uA
VR = 5V
Selection Guide
Electrical / Optical Characteristics at T A=25°C
λpeak
IR
vF
C
∆λ1/2
Part No.
Dice
Lens Type
Iv (mcd)
@ 20 mA
Viewing
Angle
Min.
Max.
2q1/2
KM-23HD
BRIGHT RED (GaP)
RED DIFFUSED
0.5
1.25
140°
KM-23HT
RED TRANSPARENT
0.5
1.25
140°
KM-23HC
WATER CLEAR
0.5
1.25
140°
KM-23ID
HIGH EFFICIENCY RED
(GaAsP/GaP)
RED DIFFUSED
8
32
140°
KM-23IT
RED TRANSPARENT
8
32
140°
KM-23EC
WATER CLEAR
8
32
140°
KM-23YD
YELLOW (GaAsP/GaP)
YELLOW DIFFUSED
5
12.5
140°
KM-23YT
YELLOW TRANSPARENT
5
12.5
140°
KM-23YC
WATER CLEAR
5
12.5
140°
KM-23SGD
SUPER BRIGHT GREEN (GaP)
GREEN DIFFUSED
8
32
140°
KM-23SGT
GREEN TRANSPARENT
8
32
140°
KM-23SGC
WATER CLEAR
8
32
140°
KM-23SYD
SUPER BRIGHT YELLOW (InGaAlP)
YELLOW DIFFUSED
40
100
140°
KM-23SYT
YELLOW TRANSPARENT
40
100
140°
KM-23SYC
WATER CLEAR
40
100
140°
KM-23SRD
SUPER BRIGHT RED (GaAlAs)
RED DIFFUSED
50
90
140°
KM-23SRT
RED TRANSPARENT
50
90
140°
KM-23SRC
WATER CLEAR
50
90
140°
KM-23ESGW
HIGH EFFICIENCY RED
(GaAsP/GaP)
WHITE DIFFUSED
8
32
140°
SUPER BRIGHT GREEN (GaP)
8
32
KM-23ESGC
HIGH EFFICIENCY RED
(GaAsP/GaP)
WATER CLEAR
8
32
140°
SUPER BRIGHT GREEN (GaP)
8
32
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.


Podobny numer części - KM-23YT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HK TO-GRACE TECHNOLOGY ...
KM-23YC-F TO-GRACE-KM-23YC-F Datasheet
871Kb / 4P
   SOT-23 Surface Mount LED Lamp
More results

Podobny opis - KM-23YT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gilway Technical Lamp
GHB-SOT23D-DR GILWAY-GHB-SOT23D-DR Datasheet
144Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZUY48WA SUNLED-ZUY48WA Datasheet
189Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
KM-23ESGC TO-GRACE-KM-23ESGC Datasheet
909Kb / 4P
   SOT-23 Surface Mount LED Lamp
AM23SRD-F TO-GRACE-AM23SRD-F Datasheet
1Mb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMDKVG48W SUNLED-ZMDKVG48W Datasheet
215Kb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
ZUR48WA SUNLED-ZUR48WA Datasheet
186Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
ZMG48WA SUNLED-ZMG48WA Datasheet
187Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23EC-F KINGBRIGHT-AM23EC-F Datasheet
280Kb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
AM23CGCK-F KINGBRIGHT-AM23CGCK-F Datasheet
286Kb / 4P
   SOT-23 Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AM23SGC-F TO-GRACE-AM23SGC-F Datasheet
817Kb / 4P
   SOT-23 Surface Mount LED Lamp
logo
Gilway Technical Lamp
GHB-SOT23D-Y GILWAY-GHB-SOT23D-Y Datasheet
142Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com