Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC37M70X Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części FDC37M70X
Szczegółowy opis  Enhanced Super I/O Controller with Wake-Up
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

FDC37M70X Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  FDC37M70X Datasheet HTML 1Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 2Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 3Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 4Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 5Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 6Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 7Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 8Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 194 page
background image
4
GENERAL DESCRIPTION
The
FDC37M70x
with
IrDA
v1.0
support
incorporates a keyboard interface, SMSC's true
CMOS 765B floppy disk controller, advanced
digital data separator, two 16C550A compatible
UARTs, one Multi-Mode parallel port which
includes ChiProtect circuitry plus EPP and ECP,
on-chip 12 mA AT bus drivers, one floppy direct
drive
support,
and
Intelligent
Power
Management including PME support. The true
CMOS 765B core provides 100% compatibility
with IBM PC/XT and PC/AT architectures in
addition
to
providing
data
overflow
and
underflow protection.
The SMSC advanced
digital data separator incorporates SMSC's
patented data separator technology, allowing for
ease of testing and use. Both on-chip UARTs
are compatible with the NS16C550A.
The
parallel port is compatible with IBM PC/AT
architecture, as well as IEEE 1284 EPP and
ECP.
The
FDC37M70x
incorporates
sophisticated
power
control
circuitry
(PCC)
which includes support for keyboard, mouse,
and modem ring wake-up events.
The PCC
supports multiple low power-down modes.
The FDC37M70x supports the ISA Plug-and-
Play Standard (Version 1.0a) and provides the
recommended functionality to support Windows
'95.
The I/O Address, DMA Channel and
hardware IRQ of each logical device in the
FDC37M70x may be reprogrammed through the
internal configuration registers. There are 480
I/O address location options, a Serialized IRQ
interface, and three DMA channels.
The FDC37M70x does not require any external
filter components and is therefore easy to use
and offers lower system costs and reduced
board area.
The FDC37M70x is software and
register compatible with SMSC's proprietary
82077AA core.
IBM, PC/XT and PC/AT are registered trademarks and PS/2 is a trademark
of International Business Machines Corporation
SMSC is a registered trademark and Ultra I/O, ChiProtect, and Multi-Mode
are trademarks of Standard Microsystems Corporation


Podobny numer części - FDC37M70X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
More results

Podobny opis - FDC37M70X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
37B77X SMSC-37B77X Datasheet
573Kb / 196P
   ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com